Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM4414BB6M24D0T00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PFM4414BB6M24D0T00
Description  Chassis mount or board mount packaging options
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M24D0T00 Datasheet(HTML) 1 Page - Vicor Corporation

  PFM4414BB6M24D0T00 Datasheet HTML 1Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 2Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 3Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 4Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 5Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 6Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M24D0T00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 1 of 23
12/2015
800 927.9474
Isolated AC-DC Converter with PFC
PFM4414xB6M24D0yzz
PFMin a VIA Package
AC-DC Converter
C
US
®
S
NRTL
CUS
Size:
4.35 x 1.40 x .37 in
110.6 x 35.5 x 9.3 mm
Part Ordering Information
Product
Function
Package
Length
Package
Width
Package
Type
Input
Voltage
Range
Ratio
Output
Voltage
(Range)
Max
Output
Power
Product Grade
Option Field
PFM
44
14
x
B6
M
24
D0
y
z
z
PFM =
Power Factor
Module
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = -20 to 100°C
T = -40 to 100°C
00 = Chassis/Always On
04 = Short Pin/Always On
08 = Long Pin/Always On
Features & Benefits
Universal input (85 to 264 VAC)
24 VOUT, regulated, isolated
400 W maximum power
High efficiency
Built-in EMI filtering
Chassis mount or board mount packaging options
Always-on, self-protecting converter control architecture
SELV Output
Two temperature grades including operation to -40°C
Robust package
Versatile thermal management
Safe and reliable secondary-side energy storage
High MTBF
140 W/cubic inch power density
4414 package
External rectification and transient protection required
Typical Applications
Small cell base stations
Telecom switching equipment
LED lighting
Industrial power systems
Product Description
The PFM in a VIA Package is a highly advanced 400 W AC-DC
converter operating from a rectified universal AC input which
delivers an isolated and regulated Safety Extra Low Voltage
(SELV) 24 V secondary output.
This unique, ultra-low profile module incorporates AC-DC
conversion, integrated filtering and transient surge protection
in a chassis mount or PCB mount form factor.
The PFM enables a versatile two-sided thermal strategy which
greatly simplifies thermal design challenges.
When combined with downstream Vicor DC-DC conversion
components and regulators, the PFM allows the Power Design
Engineer to employ a simple, low-profile design which will
differentiate his end-system without compromising on cost or
performance metrics.
Product Ratings
VIN = 85 – 264 V
POUT = up to 400 W
VOUT = 24 V
IOUT = 16.7 A


Similar Part No. - PFM4414BB6M24D0T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M24D0TA0 VICOR-PFM4414BB6M24D0TA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0TA4 VICOR-PFM4414BB6M24D0TA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0TA8 VICOR-PFM4414BB6M24D0TA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414BB6M24D0T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
   Chassis or panel mount
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Delta Electronics, Inc.
DNS10SMD06 DELTA-DNS10SMD06 Datasheet
794Kb / 15P
   Surface mount packaging
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com