Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM4414BB6M24D0T08 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PFM4414BB6M24D0T08
Description  Chassis mount or board mount packaging options
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M24D0T08 Datasheet(HTML) 3 Page - Vicor Corporation

  PFM4414BB6M24D0T08 Datasheet HTML 1Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 2Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 3Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 4Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 5Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 6Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M24D0T08 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 3 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Typical Chassis Mount Applications
The PFM in a VIA package is available in Chassis Mount option, saving the cost of a PCB and allowing access to both sides of the
power supply for cooling. The parts list below minimizes the number of interconnects required between necessary components,
and selects components with terminals traditionally used for point to point chassis wiring.
PFM™
VIA
+IN
-IN
+OUT
-OUT
Fan
Relays
Coin Box
Controller
Dispensors
24 V
16
8
8
C
1
C
2
C
3
J
1
85 -
264 Vac
M
1
AIM™
VIA
F
1
M
2
+OUT
-OUT
L
N
MOV
Parts List for Typical Chassis Mount Applications
J1
Qualtek 719 W or 723 W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8 A 250 VAC 5 x 20 mm in J1, or separate fuse holder
M1
Vicor AIM™ AIM1714VB6MC7D5y00
M2
Vicor PFM™ PFM4414VB6M24D0y00
C1, C2, C3
Nichicon LNT1V153MSE 15,000 µF 35 V 5.1 A 35 x 83 mm screw terminal
or
C1
Kemet ALS30A473KE040 47,000 µF 40 V 14.2 A 51 x 84 mm screw terminal
MOV
Littelfuse TMOV20RP300E VARISTOR 10 kA 300 V 250 J 20 mm


Similar Part No. - PFM4414BB6M24D0T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M24D0TA0 VICOR-PFM4414BB6M24D0TA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0TA4 VICOR-PFM4414BB6M24D0TA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0TA8 VICOR-PFM4414BB6M24D0TA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414BB6M24D0T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
   Chassis or panel mount
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Delta Electronics, Inc.
DNS10SMD06 DELTA-DNS10SMD06 Datasheet
794Kb / 15P
   Surface mount packaging
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com