Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ431K-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # CJ431K-HF
Description  Encapsulate Adjustable Reference Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ431K-HF Datasheet(HTML) 5 Page - Comchip Technology

  CJ431K-HF Datasheet HTML 1Page - Comchip Technology CJ431K-HF Datasheet HTML 2Page - Comchip Technology CJ431K-HF Datasheet HTML 3Page - Comchip Technology CJ431K-HF Datasheet HTML 4Page - Comchip Technology CJ431K-HF Datasheet HTML 5Page - Comchip Technology CJ431K-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Encapsulate Adjustable Reference Source
Reel Taping Specification
P1
P0
P
A
W
B
C
d
D
D2
D1
SOT-23
SYMBOL
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
1.50 + 0.10
54.40 ± 1.0
13.00 ± 1.0
4.00 ± 0.10
2.00 ± 0.10
178 ± 2.0
0.059 0.004
+
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.
± 0.004
158
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOT-23
3.15 ± 0.10
0.124 ± 0.004
2.77 ± 0.10
0.109 ± 0.004
1.22 ± 0.10
0.048 ± 0.004
9.50 ± 1.00
0.374 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
A
QW-JKA01


Similar Part No. - CJ431K-HF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ431K-SOT23 ZPSEMI-CJ431K-SOT23 Datasheet
834Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
More results

Similar Description - CJ431K-HF

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
TL431 HOTTECH-TL431 Datasheet
257Kb / 2P
   Plastic-Encapsulate Adjustable Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
   Encapsulate Precision Adjustable Reference Source
logo
Jiangsu Changjiang Elec...
CD431 JIANGSU-CD431 Datasheet
2Mb / 3P
   SOT-23 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431B HDSEMI-TL431B Datasheet
2Mb / 6P
   SOT-23 Encapsulate Adjustable Reference Source
TL431-TO-92 HDSEMI-TL431-TO-92 Datasheet
2Mb / 5P
   TO-92 Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ432-TO92 ZPSEMI-CJ432-TO92 Datasheet
887Kb / 2P
   TO-92 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431-SOT-23 HDSEMI-TL431-SOT-23 Datasheet
2Mb / 6P
   SOT-23 Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
CJ432-SOT23 ZPSEMI-CJ432-SOT23 Datasheet
823Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
logo
SHIKUES Electronics
TL432 SKTECHNOLGY-TL432 Datasheet
1,017Kb / 5P
   SOT-23 Encapsulate Adjustable Reference Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com