Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2101-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CJ2101-G
Description  MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ2101-G Datasheet(HTML) 4 Page - Comchip Technology

  CJ2101-G Datasheet HTML 1Page - Comchip Technology CJ2101-G Datasheet HTML 2Page - Comchip Technology CJ2101-G Datasheet HTML 3Page - Comchip Technology CJ2101-G Datasheet HTML 4Page - Comchip Technology CJ2101-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QW-BTR37
Comchip Technology CO., LTD.
Page 4
REV:A
MOSFET
Comchip
S M D D i o d e S p e c i a l i s t
Reel Taping Specification
Company reserves the right to improve product design , functions and reliability without notice.
B
C
d
D
D2
D1
SOT-323
SYMBOL
A
(mm)
(inch)
2.142 ± 0.039
2.25 ± 0.05
2.55 ± 0.05
4.00 ± 0.10
1.55 ± 0.10
3.50 ± 0.10
1.75 ± 0.10
54.40 ± 1.00
13.00 ± 1.00
1.19 ± 0.05
4.00 ± 0.10
2.00 ± 0.10
8.00 + 0.30/-0.10
12.30 ± 1.00
178.00 ± 2.00
0.100 ± 0.002
0.089 ± 0.002
0.047 ± 0.002
0.061 ± 0.004
7.008 ± 0.079
0.512 ± 0.039
SOT-323
SYMBOL
(mm)
(inch)
0.138 ± 0.004
0.069 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.484 ± 0.039
E
F
P
P0
P1
W
W1
0.315 + 0.012/-0.004
P1
P0
D1
D2
W1
P
D
A
W
C
XXX
3
1
2


Similar Part No. - CJ2101-G

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2101 ZPSEMI-CJ2101 Datasheet
984Kb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJ2101 JIANGSU-CJ2101 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Similar Description - CJ2101-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com