Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP160J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP160J
Description  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP160J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP160J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP160J
2014-09-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP160J
Triac Drive
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP160J is a small outline coupler,
suitable for surface mount assembly.
The TLP160J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
• Peak offstate voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• Onstate current: 70 mA (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Trigger LED Current
Classification*
Trigger LED Current (mA)
Marking of
Classification
VT=6V, Ta=25°C
Min
Max
(IFT7)
7
T7
Standard
10
T7, blank
*Ex.
(IFT7); TLP160J (IFT7)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP160J(IFT7): TLP160J
Pin Configurations
1. Anode
3. Cathode
4. Terminal 1
6. Terminal 2
1
3
6
4
Unit: mm
TOSHIBA
11
−4C3
Weight: 0.09 g (typ.)
Start of commercial production
1988/04


Similar Part No. - TLP160J_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP160J_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com