Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP163J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP163J
Description  TOSHIBA Photocoupler GaAs IRED and Photo-Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP163J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP163J Datasheet HTML 1Page - Toshiba Semiconductor TLP163J Datasheet HTML 2Page - Toshiba Semiconductor TLP163J Datasheet HTML 3Page - Toshiba Semiconductor TLP163J Datasheet HTML 4Page - Toshiba Semiconductor TLP163J Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP163J
2014-09-22
1
TOSHIBA Photocoupler GaAs IRED & Photo-Triac
TLP163J
Triac Drive
Programmable Controllers
AC-Output Modules
Solid State Relay
The TOSHIBA mini-flat coupler TLP163J is housed in a small outline
package, suitable for surface-mount assembly.
The TLP163J consists of a gallium arsenide infrared emitting diode
optically coupled to a photo-triac coupler.
The TLP163J features a greater capacity to withstand external noise
than that of the TLP161J.
• Zero-voltage crossing turn-on
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 70 mA (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Trigger LED Current
*: e.g., (IFT7): TLP163J(IFT7)
Note: A part number for a certification test, use the standard part number,
i.e. TLP163J(IFT7): TLP163J
Unit: mm
JEDEC
JEITA
TOSHIBA
11-4C3
Weight: 0.09 g (typ.)
Classification (*)
Trigger LED Current (mA)
Marking of
Classification
VT = 3 V, Ta = 25°C
Min
Max
(IFT7)
7
T7
Standard
10
T7, Blank
1
3
6
4
ZC
Pin Configurations
1: Anode
3: Cathode
4: Terminal 1
6: Terminal 2
ZC: Zero-cross circuit
Start of commercial production
2006/10


Similar Part No. - TLP163J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160G TOSHIBA-TLP160G Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160G TOSHIBA-TLP160G Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results

Similar Description - TLP163J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com