Electronic Components Datasheet Search |
|
TLP267J Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TLP267J Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 13 page TLP267J 1 Photocouplers GaAs Infrared LED & Photo Triac TLP267J TLP267J TLP267J TLP267J Start of commercial production 2013-10 1. 1. 1. 1. Applications Applications Applications Applications • Triac Drivers • Programmable Logic Controllers (PLCs) • AC-Output Modules • Solid-State Relays 2. 2. 2. 2. General General General General The TLP267J consists of a non zero crossing photo triac, optically coupled to a gallium arsenide infrared emitting diode. The TLP267J is housed in the SO6 package and guarantees a creepage distance of 5.0 mm (min), a clearance of 5.0 mm (min) and insulation thickness of 0.4 mm (min). Therefore, the TLP267J meets the reinforced insulation class requirements of international safety standards. 3. 3. 3. 3. Features Features Features Features (1) Peak off-state voltage: 600 V (min) (2) Non zero crossing functionary (NZC) (3) Trigger LED current: 3 mA (max) (4) On-state current: 70 mA (max) (5) Isolation voltage: 3750 Vrms (min) (6) Safety standards UL-approved: UL1577 File No.E67349 cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349 VDE-approved: Option (V4) EN60747-5-5 (Note) (Note) (Note) (Note) Maximum operating insulation voltage: 707 Vpeak Highest permissible overvoltage: 6000 Vpeak Note: When an EN60747-5-5 approved type is needed, please designate the Option (V4) Option (V4) Option (V4) Option (V4). Table Table Table Table Trigger LED Current (Note) (Unless otherwise specified, T Trigger LED Current (Note) (Unless otherwise specified, T Trigger LED Current (Note) (Unless otherwise specified, T Trigger LED Current (Note) (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) Rank None (IFT2) IFT Rank Marking 3 2 Test Condition VT = 6 V VT = 6 V Trigger LED Current IFT (min) Trigger LED Current IFT (max) 3 2 Unit mA Note: Specify both the part number and a rank in this format when ordering. Example: TLP267J (IFT2) For safety standard certification, however, specify the part number alone. Example: TLP267J 2015-03-13 Rev.5.0 |
Similar Part No. - TLP267J |
|
Similar Description - TLP267J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |