Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3924 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3924
Description  TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3924 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3924_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3924_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3924_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3924_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3924_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP3924
2014-09-22
1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO−DIODE ARRAY
TLP3924
TELECOMMUNICATION
PROGRAMMABLE CONTROLLERS
MOSFET GATE DRIVER
The TOSHIBA SSOP coupler TLP3924 is a small outline coupler, suitable for
surface mount assembly.
The TLP3924 consists of a GaAℓAs light emitting diode, optically coupled to a
series connected photo diode array which is suitable for MOSFET gate drive.
Features
• 4 pin SSOP (SSOP4) : 1.8 mm high, 1.27 mm pitch
• Open Voltage
: 30 V (min)
• Short Current
: 4 μA (min)
• Isolation Voltage
: 1500 Vrms (min)
Pin Configuration (top view)
Unit: mm
4.2
3.65
0.2
0.2
3.8
(0.3)
φ
1.4
(0.46)
2.04
1.27
1.9
TOSHIBA
11-2B1
Weight: 0.03 g (typ.)
1. ANODE
2. CATHODE
3. CATHODE
4. ANODE
4
3
1
2
Start of commercial production
2004/08


Similar Part No. - TLP3924_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3924 TOSHIBA-TLP3924 Datasheet
221Kb / 5P
   TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
More results

Similar Description - TLP3924_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3904 TOSHIBA-TLP3904_14 Datasheet
264Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP3902 TOSHIBA-TLP3902_14 Datasheet
210Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com