Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFB3AEA2RBB Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # KFB3AEA2RBB
Description  Sealed Pushbutton Single and Double Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KFB3AEA2RBB Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  KFB3AEA2RBB Datasheet HTML 1Page - Cherry Semiconductor Corporation KFB3AEA2RBB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-07-22, Specifications subject to change without notice.
Sealed Pushbutton
Single and Double Pole
KF Series
Features
Snap-in mounting
RoHS compliant
100,000 cycles mechanical life
IP65
Switches up to 20 A
Lighted and non-lighted versions available
Standard Parts
1
North America
North America and Europe
Europe
KFB2ALA2GBB
KFB2ANA1BBB
KFB2AEA2GBB
KFB2ALA2RBB
KFB2DNA1BBB
KFB2AEA2RBB
KFB3ALA2GBB
KFB3ANA1BBB
KFB3AEA2GBB
KFB3ALA2RBB
KFB3AEA2RBB
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KFB2ALA2BBB
KF B 2 A L A
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KF
B
2
Single pole
A
ON-OFF
N
Non-lighted
A
4.75 mm (0.187”)
quick connect
3
Double pole
D
(ON)-OFF
E
220 VAC neon
L
110 VAC neon
C
28 VDC LED
M
14 VDC LED
2See Electrical Specifications section
1 B B B
Actuator Type
Actuator Color
3
Actuator Marking
1
Non-lighted
A
Amber
B
Black
B
Blank
2
Lighted
B
Black
G
Green
L
Blue
R
Red
3Black actuator is only available for non-lighted; others only for lighted.


Similar Part No. - KFB3AEA2RBB

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
KFB3AEA2RBB ZFSWITCHES-KFB3AEA2RBB Datasheet
252Kb / 2P
   Sealed Pushbutton
More results

Similar Description - KFB3AEA2RBB

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
logo
Tyco Electronics
2-1437573-2 MACOM-2-1437573-2 Datasheet
375Kb / 4P
   SEALED PUSHBUTTON SWITCH SINGLE POLE TSP SERIES
2-1437573-6 MACOM-2-1437573-6 Datasheet
375Kb / 4P
   SEALED PUSHBUTTON SWITCH SINGLE POLE TSP SERIES
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
E75 ZFSWITCHES-E75 Datasheet
365Kb / 3P
   PANEL MOUNT PUSHBUTTON - DOUBLE POLE
logo
Cherry Semiconductor Co...
0E7800A0 CHERRY-0E7800A0 Datasheet
256Kb / 3P
   PANEL MOUNT PUSHBUTTON ??DOUBLE POLE
logo
C&K Components
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
   Single Pole and Multi-Key Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com