Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2412DRG4
Description  ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2412DRG4 Datasheet HTML 1Page - Texas Instruments TPS2412DRG4 Datasheet HTML 2Page - Texas Instruments TPS2412DRG4 Datasheet HTML 3Page - Texas Instruments TPS2412DRG4 Datasheet HTML 4Page - Texas Instruments TPS2412DRG4 Datasheet HTML 5Page - Texas Instruments TPS2412DRG4 Datasheet HTML 6Page - Texas Instruments TPS2412DRG4 Datasheet HTML 7Page - Texas Instruments TPS2412DRG4 Datasheet HTML 8Page - Texas Instruments TPS2412DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS2412, TPS2413
www.ti.com
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3) (4) (5) (6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(A), V©), VDD
VDD rising
2.25
2.5
VDD UVLO
V
Hysteresis
0.25
| I(A) |, Gate in active region
0.66
1
A current
mA
| I(A) |, Gate saturated high
0.1
C current
| I©) |, V(AC) ≤ 0.1 V
10
μA
Worst case, gate in active region
4.25
6
VDD current
mA
Gate saturated high
1.2
TURNON
TPS2412 forward turnon and regulation
7
10
13
mV
voltage
TPS2412 forward turnon / turnoff difference
R(RSET) = open
7
mV
TPS2413 forward turnon voltage
7
10
13
mV
TURNOFF
Gate sinks > 10 mA at V(GATE-A) = 2 V
1
3
5
V(A-C) falling, R(RSET) = open
Fast turnoff threshold voltage
mV
V(A-C) falling, R(RSET) = 28.7 kΩ
–17
–13.25
–10
V(A-C) falling, R(RSET) = 3.24 kΩ
–170
–142
–114
V(A) = 12 V, V(A-C): 20 mV → –20 mV,
Turnoff delay
70
ns
V(GATE-A) begins to decrease
V(A) = 12 V, C(GATE-GND) = 0.01 μF, V(A-C):
Turnoff time
20 mV
→ –20 mV, measure the period to
130
ns
V(GATE) = V(A)
GATE
VDD = 3 V, V(A-C) = 20 mV
6
7
8
Gate positive drive voltage, V(GATE-A)
V
5 V
≤ VDD ≤ 18 V, V(A-C) = 20 mV
9
10.2
11.5
Gate source current
V(A-C) = 50 mV, V(GATE-A) = 4 V
250
290
350
μA
Soft turnoff sink current (TPS2412)
V(A-C) = 4 mV, V(GATE-A) = 2 V
2
5
mA
V(A-C) = –0.1 V
V(GATE) = 8 V
1.75
2.35
A
Fast turnoff pulsed current, I(GATE)
V(GATE) = 5 V
1.25
1.75
Period
7.5
12.5
μs
V(A-C) = –0.1 V, V©) ≤ VDD, 3 V ≤ VDD ≤ 18 V,
Sustain turnoff current, I(GATE)
15
19.5
mA
2 V
≤ V(GATE) ≤ 18 V
MISCELLANEOUS
Thermal shutdown temperature
Temperature rising, TJ
135
°C
Thermal hysteresis
10
°C
(1)
[3 V
≤ V(A) ≤ 18 V and V©) = VDD] or [0.8 V ≤ V(A) ≤ 3 V and 3 V ≤ V DD ≤ 18 V]
(2)
C(BYP) = 2200 pF, R(RSET) = open
(3)
–40°C
≤ TJ ≤ 125°C
(4)
Positive currents are into pins
(5)
Typical values are at 25°C
(6)
All voltages are with respect to GND.
7.6 Dissipation Ratings
POWER RATING
PACKAGE
θJA – Low k °C/W
θJA – High k °C/W
High k
TA = 85°C (mW)
PW (TSSOP)
258
159
250
D (SO)
176
97.5
410
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2412 TPS2413


Similar Part No. - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com