Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4533KTTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4533KTTR
Description  Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4533KTTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4533KTTR Datasheet HTML 1Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 2Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 3Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 4Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 5Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 6Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 7Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 8Page - Texas Instruments TPS7A4533KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
TA = 25°C
TA = 125°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
1 Features
3 Description
The TPS7A45xx devices are low-dropout (LDO)
1
Optimized for Fast Transient Response
regulators optimized for fast transient response. The
Output Current: 1.5 A
device can supply 1.5 A of output current with a
High Output Voltage Accuracy: 1% at 25°C
dropout voltage of 300 mV. Operating quiescent
current is 1 mA, dropping to less than 1
μA in
Dropout Voltage: 300 mV
shutdown. Quiescent current is well controlled; it does
Low Noise: 35
μVRMS (10 Hz to 100 kHz)
not rise in dropout as with many other regulators. In
High Ripple Rejection: 68 dB at 1 kHz
addition to fast transient response, the TPS7A45xx
regulators have very-low output noise, which makes
1-mA Quiescent Current
them ideal for sensitive RF supply applications.
No Protection Diodes Needed
Output voltage range is from 1.21 to 20 V. The
Controlled Quiescent Current in Dropout
TPS7A45xx
regulators
are
stable
with
output
Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
capacitance as low as 10
μF. Small ceramic
Adjustable Output from 1.21 V to 20 V
capacitors can be used without the necessary
(TPS7A4501 Only)
addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse-battery
Less Than 1-
μA Quiescent Current in Shutdown
protection, current limiting, thermal limiting, and
Stable With 10-
μF Ceramic Output Capacitor
reverse-current protection. The devices are available
Reverse-Battery Protection
in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, 3.3 V,
Reverse Current Protection
and as an adjustable device with a 1.21-V reference
voltage.
2 Applications
Device Information(1)
Industrial
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Wireless Infrastructure
SOT-223 (6)
6.50 mm × 7.06 mm
TPS7A45xx
Radio-Frequency Systems
TO-263 (5)
10.16 mm × 15.24 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout Voltage vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A4533KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4533KTTR TI-TPS7A4533KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4533KTTR TI-TPS7A4533KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4533KTTR TI-TPS7A4533KTTR Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4533KTTR TI1-TPS7A4533KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4533KTTR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com