Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA43 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SMA43
Description  Cascadable Amplifier 100 to 3200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA43 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMA43 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA43 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA43 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
100 to 3200 MHz
Rev. V3
A43 / SMA43
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - SMA43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA43 MACOM-SMA43 Datasheet
104Kb / 1P
   100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Lite-On Technology Corp...
SMA43 LITEON-SMA43 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
SMA43 ETC2-SMA43 Datasheet
103Kb / 1P
   100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
SMA43 MACOM-SMA43 Datasheet
382Kb / 2P
   Cascadable Amplifier 100 to 3200 MHz
logo
MIC GROUP RECTIFIERS
SMA43 MIC-SMA43 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMA43

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 3200 MHz
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
   100 TO 3200 MHz CASCADABLE AMPLIFIER
A43 MACOM-A43_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 100 to 3200 MHz
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
   100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 100 to 500 MHz
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
   Cascadable Amplifier 100 to 2300 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 100 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com