Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8157A Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK8157A
Description  Multiclock Generator for Premium Audio Device
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8157A Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK8157A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 8Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 9Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 10Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 11Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 12Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 13Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 14Page - Asahi Kasei Microsystems AK8157A Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
[AK8157A]
015002776-E-00
2015/03
- 11 -
9. Functional Descriptions
System Clock Timing
The AK8157A can generate MCLK, BCLK and LRCK simultaneously from 9.6MHz external input clock. It
requires operating the AK8157A with an audio device such as the AK4490, the AK4495 and so on. MCLK,
BCLK and LRCK phases are synchronized on a falling edge. (Figure 6).
CLKIN
9.6MHz
PLL1
PLL2
ODIV1
ODIV2
ODIV3
MCLK
BCLK
LRCK
Figure 6. System Clock Timing
The MCLK, BCLK and LRCK frequencies corresponding to each sampling speed can be selected by
MDSEL1-0 bits and MCKSEL1-0 bits (Table 1). Normal speed, double speed, quad speed and oct speed
modes are available with the AK8157A.
Table 1. Output Clock Configuration
MDSEL1-0 bits
MCKSEL1-0 bits
MCLK (MHz)
BCLK (MHz)
LRCK (kHz)
Sampling
Speed
64fs
fs
00
00
16.384
512fs
2.048
32
Normal
01
22.5792
2.8224
44.1
10 / 11
24.576
3.072
48
01
00
16.384
256fs
4.096
64
Double
01
22.5792
5.6448
88.2
10 / 11
24.576
6.144
96
10
00
16.384
128fs
8.192
128
Quad
01
22.5792
11.2896
176.4
10 / 11
24.576
12.288
192
11
00
16.384
64fs
16.384
256
Oct
01
22.5792
22.5792
352.8
10 / 11
24.576
24.576
384
System Reset
The AK8157A should be reset once by bringing the RSTN
pin = “L” upon power-up. It initializes register
settings of the device.


Similar Part No. - AK8157A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8150B AKM-AK8150B Datasheet
175Kb / 8P
   12MHz Clock Generator
AK8150C AKM-AK8150C Datasheet
305Kb / 8P
   12MHz Clock Generator
AK8150CU AKM-AK8150CU Datasheet
371Kb / 6P
   1.8V/3.0V Single-PLL Clock Generator
AK8151A AKM-AK8151A Datasheet
343Kb / 7P
   60MHz/72MHz 2-output clock generator
AK8152 AKM-AK8152 Datasheet
505Kb / 21P
   Single PLL Two Output Clock Generator
More results

Similar Description - AK8157A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8133 AKM-AK8133 Datasheet
326Kb / 10P
   Low Suprious Multiclock Generator for Audio
AK8131S AKM-AK8131S Datasheet
117Kb / 8P
   Low Power Multiclock Generator with VCXO
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
[Old version datasheet]   3.3-V DUAL-PLL MULTICLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8137A AKM-AK8137A Datasheet
699Kb / 11P
   Low Power Multiclock Generator with XO
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com