Electronic Components Datasheet Search |
|
AK9223MK Datasheet(PDF) 4 Page - Asahi Kasei Microsystems |
|
AK9223MK Datasheet(HTML) 4 Page - Asahi Kasei Microsystems |
4 / 16 page [AK9223] 014010283-E-01 4 2015/01 Absolute Maximum Ratings (VSS1~VSS5 = 0V; Note 2, Note 3) Parameter Symbol Min. Max. Unit Power Supply VDD -0.3 +6.0 V Analog Input Current (AIN0+, AIN0-, AIN1+, AIN1-, REFI0, REFI1) AIIN - 10 mA Analog Input Voltage (AIN0+, AIN0-, AIN1+, AIN1-, REFI0, REFI1) AVIN -0.3 AVDD+0.3 V Digital Input Current (CLKI, SEL) DIIN - 10 mA Digital Input Voltage (CLKI, SEL) DVIN -0.3 DVDD+0.3 V Storage Temperature Tstg -65 150 C WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Recommended Operating Conditions (VSS1~VSS5 = 0V; Note 2, Note 3) Parameter Symbol Min. Typ. Max. Unit Analog Power Supply AVDD 4.5 5.0 5.5 V Digital Power Supply DVDD 3V logic level 5V logic level 2.7 4.5 3.0 5 3.6 5.5 V V Input Reference Voltage REFI 0.5 2.5 2.6 V Analog Input Vin= (AIN+) - (AIN-) -0.92 x VREF +0.92 x VREF V External clock 16 20 24 MHz Ambient Operating Temperature Ta -40 105 C Note 2. All voltages are with respect to ground. Note 3. VSS1, VSS2, VSS3, VSS4 and VSS5 must be connected to the same analog ground plane. Note 4. The power supply sequence between AVDD and DVDD is not critical upon power-up. * AKM assumes no responsibility for the usage beyond the conditions in this datasheet. |
Similar Part No. - AK9223MK |
|
Similar Description - AK9223MK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |