Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9223MK Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK9223MK
Description  Dual 1-Bit, 10MHz, 2nd-Order, ?誇 Modulat
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9223MK Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK9223MK Datasheet HTML 6Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 7Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 8Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 9Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 10Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 11Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 12Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 13Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
[AK9223]
014010283-E-01
10
2015/01
Internal Operation
The analog input of the AK9223 is composed by SC (switched-capacitor) circuits and this modulator block
digitizes analog inputs to 1-bit data stream. The clock source can be external or internal oscillator output.
Analog input is sampled by the modulator and compared with the reference voltage of the REFI pin. A
digital stream that represents the analog input voltage over time appears at the output of the
corresponding converter.
Modulator
The AK9223 can be operated in two modes. Internal oscillation is used for the operation clock of the
modulator by setting the SEL pin =
“H”. In this case, the internal clock is fixed to 20MHz. When the SEL
pin is set to
“L”, modulator clock is externally input to the CLKI pin. In both of modes, the clock is internally
divided by two and functions as the modulator clock. When using an external clock, available input clock
range is from 1MHz to 24MHz. In this case, the modulator operates of a clock from 500kHz to 12MHz.
Digital I/F
Analog input signals are converted with the modulator input clock. The OUT pin outputs the result of AD
conversion. The common clock that is used for two modulators is output from the CLKO pin. When the
SEL pin
= “H”, the CLKI pin must not be allowed to float but should be connected to DVDD or VSS5.


Similar Part No. - AK9223MK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
   Dual 1-Bit, 10MHz, 2nd-Order, Modulat
More results

Similar Description - AK9223MK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
   Dual 1-Bit, 10MHz, 2nd-Order, Modulat
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com