Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRA22H3BBBNN Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # RRA22H3BBBNN
Description  Rocker Switch Single and Double Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

RRA22H3BBBNN Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  RRA22H3BBBNN Datasheet HTML 1Page - Cherry Semiconductor Corporation RRA22H3BBBNN Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-09-10, Specifications subject to change without notice.
Rocker Switch
Single and Double Pole
RR Series
Features
Lighted and non-lighted versions
Industry standard cutout
RoHS Compliant
Minimum 100,000 operations mechanical life
Standard Parts
1
North America
North America and Europe
Europe
RRA22H3BBALN
RRA22H3BBRLN
RRA22H3BBBNN
RRA32H3FBBNN
RRA22H3FBBNN
RRA32H3BBRLN
RRA22H3BBGLN
RRA22H3FBRNN
RRA32H3BBBNN
RRA32H3BBGEN
RRA22H3BBRHN
RRA32H3BBRLN
RRA32H3BBREN
RRA32H3BBGLN
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
RRA22H3FBBNN
RR A 2 2 H 3
Series
Contact Rating
2
Circuitry
Switch Function
Terminal Type
Actuator Type
RR
A
2
Single pole
2
ON-OFF
H
4.8 mm (0.187”)
solder tag
3
Round
3
Double pole
M
PC thru-hole straight
2See Electrical Specifications section
F B B N N 01
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
N
4
No rocker boot
D
E
Charcoal
Grey
B
Black
E
250 VAC bulb
E
O
I
W
White
E
Charcoal Grey
L
125 VAC bulb
F
Y
Grey
G
Green
G
24 VDC bulb
3
G
R
Red
H
12 VDC bulb
3
W
White
Y
Grey
3Switches have no agency DC ratings
4A splash-proof boot can be ordered separately as part number 00150751


Similar Part No. - RRA22H3BBBNN

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
RRA22H3BBBNN ZFSWITCHES-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch
More results

Similar Description - RRA22H3BBBNN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
Cherry Semiconductor Co...
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
   Sealed Rocker Switch Double Pole
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
   Rocker Switch Single Pole
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
   Rocker Switch Single Pole
SRB22A2FBBNN CHERRY-SRB22A2FBBNN Datasheet
563Kb / 2P
   Single-Pole Rocker Switch
SRJ22A3BBBNN CHERRY-SRJ22A3BBBNN Datasheet
235Kb / 2P
   Rocker Switch Single Pole
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
   Sealed Rocker Switch Single Pole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com