Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02066G-21 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M02066G-21
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066G-21 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066G-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Pin Description
02066-DSH-001-D
Mindspeed Technologies
®
6
Preliminary Information / Mindspeed Proprietary and Confidential
27
NC
Not connected and may be grounded for compatibility with MAX3869
28
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET (using the
internal IC temperature)
29
MPCSET
A resistor between this pin and ground sets the mean optical power
30
MODSET
Modulation current set. Connect a resistor between this pin and ground to set
31
OCASET
Over current alarm set. Connect a resistor between this pin and ground to set
NOTE:
TCSTART is internally connected to 0 V in the TQFP32.
The center pad must be connected to ground through an array of vias for good electrical and thermal performance.
Table 2-2.
Pin Descriptions (TQFP 32) (Continued)
Pin No.
Name
Function


Similar Part No. - M02066G-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02066G-21 MA-COM-M02066G-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

Similar Description - M02066G-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com