Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC90104FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC90104FG
Description  Multi System Video Decoder IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC90104FG Datasheet HTML 6Page - Toshiba Semiconductor TC90104FG Datasheet HTML 7Page - Toshiba Semiconductor TC90104FG Datasheet HTML 8Page - Toshiba Semiconductor TC90104FG Datasheet HTML 9Page - Toshiba Semiconductor TC90104FG Datasheet HTML 10Page - Toshiba Semiconductor TC90104FG Datasheet HTML 11Page - Toshiba Semiconductor TC90104FG Datasheet HTML 12Page - Toshiba Semiconductor TC90104FG Datasheet HTML 13Page - Toshiba Semiconductor TC90104FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Summary
TC90104FG
©2015 TOSHIBA CORPORATION
Page 10
Rev.1.00
2015/12/01
5.2.6
Output format
The output format (ITU-R BT.656/601) is selected by register FORMATO (Bank0, Sub address02h).
However, when D2 format is inputted, output format is fixed on 4:2:2 format.
Y: pedestal level = 16 LSB
C: center electric potential = 128 LSB
Signal process of Y output signal below pedestal is set by register CLP (Bank 0, Sub address 29h).
CLP = 1 : signal below pedestal is fixed on 16LSB
CLP = 0 : signal below pedestal is outputted through
Output signal
Bit
Data rate
Description
Y [0-7]
8
13.5 MHz/27 MHz
(ITU-R BT.601/656)
Y / YCbCr
(ITU-R BT.601/656)
C [0-7]
8
6.75 MHz
Cb / Cr
(CLK: 13.5 MHz)
CLK
1
13.5 MHz/27 MHz
864fH/1728fH: 625 line system
858fH/1716fH: 525 line system
Polarity: negative (initial setting)
HD
1
f H
Recovered horizontal sync signal
VD
1
f V
Recovered vertical sync signal
HD / VD pulse width in “Sync-through” mode
525i system
625i system
HD pulse width
4.74
μs
(128 cycle @ 27 MHz clock)
VD pulse width
3 .0 H
2.5 H or 3.0 H
*Notes
The HD pulse width used in ITU-R BT.656-compliant mode is the same as the zone defined from EAV to SAV.
If a non-standard signal is input during ITU-R BT.656-compliant mode, then the values may not necessarily be the
values shown in the above chart.
The VD pulse is synchronized using the HD standard. As a result, if the H cycle jitters, then the VD width will also
jitter.
Also, in Through mode, the phase with the HD has time lag of 0.5H in ODD/EVEN.


Similar Part No. - TC90104FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
More results

Similar Description - TC90104FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
logo
Asahi Kasei Microsystem...
AK8858 AKM-AK8858 Datasheet
890Kb / 96P
   PS/SD Multi Format Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com