Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1046F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD1046F
Description  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1046F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD1046F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 9Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 10Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TPD1046F
2013-12-26
7
IIH(2)-Tch
0
50
100
150
200
250
300
350
400
450
500
-80 -60 -40 -20
0
20
40
60 80 100 120 140 160
チャネル温度 Tch (℃)
VIN=5V
State: Overcurrent
IIH(2)-VIN
0
100
200
300
400
500
600
700
800
900
1000
01
23
45
67
8
入力電圧 VIN (V)
Tch=25°C
State: Overcurent
IIH(1)-VIN
0
50
100
150
200
250
300
350
400
450
500
0
123
4
567
8
入力電圧 VIN (V)
Tch=25°C
  State: Normal
IIH(1)-Tch
0
50
100
150
200
250
300
350
400
450
500
-80 -60 -40 -20
0
20
40
60 80 100 120 140 160
チャネル温度 Tch (℃)
VIN=5V
State: Normal
Vth-Tch
0
1
1
2
2
3
3
4
4
5
5
-80 -60 -40 -20
0
20
40
60 80 100 120 140 160
チャネル温度 Tch (℃)
VDS=13V
ID=10mA
V(CL)DSS-Tch
0
10
20
30
40
50
60
70
80
-80 -60 -40 -20 0
20
40
60
80 100 120 140 160
チャネル温度 Tch (℃)
VIN=0V
ID=1mA
Channel temperature Tch (°C)
Channel temperature Tch (°C)
Channel temperature Tch (°C)
Input voltage VIN (V)
Channel temperature Tch (°C)
Input voltage VIN (V)
V(CL)DSS Tch
Vth Tch
IIH(1) Tch
IIH(1) VIN
IIH(2) Tch
IIH(2) VIN
VIN = 0V
ID = 1mA
VDS = 13V
ID = 10mA
VIN = 5V
State : Normal
Tch = 25 °C
State : Normal
VIN = 5V
State : Overcurrent
Tch = 25 °C
State : Overcurrent


Similar Part No. - TPD1046F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
More results

Similar Description - TPD1046F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com