Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1058FA Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD1058FA
Description  Low-Side Switch for Solenoid, Motor and Lamp Drive
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1058FA Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD1058FA Datasheet HTML 3Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 4Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 5Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 6Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 7Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 8Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 9Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 10Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TPD1058FA
Test Circuit
Switching time
ton, toff
12 V
5 V
toff
ton
90%
90%
10%
10%
VOUT
VIN
90%
10%
tr
≤0.1μs
tf
≤0.1μs
0 V
0 V
P.G.
IN
VIN
DIAG
STBY
GND
OUT
VDD
5 V
VOUT
12 V
RL = 5
Ω
TPD1058FA
2015-2-9
7


Similar Part No. - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
More results

Similar Description - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
   Low-side switch for motor, solenoid and lamp drive
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com