Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1058FA Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD1058FA
Description  Low-Side Switch for Solenoid, Motor and Lamp Drive
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1058FA Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD1058FA Datasheet HTML 1Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 2Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 3Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 4Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 5Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 6Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 7Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 8Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPD1058FA
Pin Description
Pin No.
Symbol
Pin Description
1
VDD
Power supply pin.
2
STBY
Standby pin. This pin has an internal pull-down resistor (100k
Ω (typ.)). In the case of open
state, it becomes standby mode same as VSTBY=VIL.
VSTBY=VIL : IDD
≤10μA (Standby mode)
VSTBY=VIH : Active control
3,4,5
GND
Ground pin.
6,7
OUT
Output pin. When a load short-circuit causes an overcurrent (6A min) to flow into a device,
output current is limited in order to protect the IC.
8
N.C
No-Connect pin. (not connected to the chip.)
9
IN
Input pin. The IN pin has an internal pull-down resistor (100k
Ω (typ.)).
Even if the IN pin is open, the output will not accidentally turn on.
10
DIAG
Self-diagnosis output pin. N-channel open drain.
Timing chart
IOUT
Over current detection
IOC
Over temperature detection TOT
Over current
protection off time
tOFF-DUTY
Recovery Temperature TOT-ΔTOT
Normal
Load short
Over temperature Load open
Inductive load
VSTBY
VIN
Tch
VOUT
VDIAG
Output
on
Over current
detection
Over temperature
detection
Load open
detection
Load open
detection
Active
clamp
Output decision voltage
VOD
Output
off
2015-2-9
3


Similar Part No. - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
More results

Similar Description - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
   Low-side switch for motor, solenoid and lamp drive
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com