Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD7211F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPD7211F
Description  Power MOSFET Gate Driver for half-bridge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7211F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPD7211F_13 Datasheet HTML 2Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 9Page - Toshiba Semiconductor TPD7211F_13 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPD7211F
2013-11-01
6
Switching times test circuit
Timing chart
Truth Table
STBY
signal
IN1
signal
IN2
signal
VOUT1
VOUT2
Remarks
L
L
L
H
L
L
H
L
H
L
L
L
H
H
L
L
H
H
H
L
Standby mode
(Output is all off)
H
L
L
H
L
OUT1 and OUT2 are off mode. (External MOSFETs are all off mode)
H
H
L
L
L
OUT1 is on mode. (External high side MOSFET is on mode)
H
L
H
H
H
OUT2 is on mode. (External low side MOSFET is on mode)
H
H
H
H
L
High-side/Low-side arm shorting mode.
IN1
STBY
IN2
GND
OUT1
VDD
N.C
OUT2
V
V
25Ω 5000pF
25Ω
12V
td(on)
td(off)
ton
toff
VIN1(VIN2)
VOUT2
90%
10%
90%
10%
tr ≤ 0.1μs
tf ≤ .1μs
12V
VOUT1
VSTBY
VIN1
VIN2
VOUT1
VOUT2
By driving STBY low, all
output DMOS are turned off
regardless of input signals.
Input that is High-side/Low-side arm shorting
mode(VIN1=VIN2=H) is a prohibition mode.
When it is prohibition mode, it is VOUT1=H and VOUT2=L.
(External MOSFETs are all off)


Similar Part No. - TPD7211F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
More results

Similar Description - TPD7211F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com