Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17308Q3 Datasheet(PDF) 10 Page - Texas Instruments

Part # CSD17308Q3
Description  30-V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17308Q3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD17308Q3_15 Datasheet HTML 5Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 6Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 7Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 8Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 9Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 10Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 11Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 12Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD17308Q3
SLPS262B – FEBRUARY 2010 – REVISED OCTOBER 2015
www.ti.com
7.4 Q3 Tape and Reel Information
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified).
5. Thickness: 0.30 ±0.05 mm
6. MSL1 260°C (IR and Convection) PbF-Reflow Compatible
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: CSD17308Q3


Similar Part No. - CSD17308Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17308Q3 TI1-CSD17308Q3 Datasheet
523Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD17308Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com