Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2651MTCX-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2651MTCX-ADJ
Description  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651MTCX-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2651MTCX-ADJ Datasheet HTML 6Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 7Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 8Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 9Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 10Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 11Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 12Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 13Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM2651
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The LM2651 operates in a constant frequency (300 kHz), current-mode PWM for moderate to heavy loads, and
automatically switches to hysteretic mode for light loads. In hysteretic mode, the switching frequency is reduced
to maintain high efficiency.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM2651


Similar Part No. - LM2651MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2651MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com