Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25019MR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM25019MR
Description  100-mA Constant On-Time Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25019MR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25019MR Datasheet HTML 3Page - Texas Instruments LM25019MR Datasheet HTML 4Page - Texas Instruments LM25019MR Datasheet HTML 5Page - Texas Instruments LM25019MR Datasheet HTML 6Page - Texas Instruments LM25019MR Datasheet HTML 7Page - Texas Instruments LM25019MR Datasheet HTML 8Page - Texas Instruments LM25019MR Datasheet HTML 9Page - Texas Instruments LM25019MR Datasheet HTML 10Page - Texas Instruments LM25019MR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
10
100
1,000
10,000
10
20
30
40
50
VIN (V)
RON=499KOhms
RON=250kOhms
RON=100kOhms
C014
0
4
8
12
16
20
0.00
0.25
0.50
0.75
1.00
1.25
V
FB (V)
VIN=48V
VIN=36V
VIN=24V
VIN=14V
C015
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
ICC (mA)
VIN=15V
C012
2
3
4
5
6
7
8
8
9
10
11
12
13
14
VCC (V)
VIN=48V
VIN=24V
VIN=48V
VIN=24V
C013
1 MHz
450 kHz
40
50
60
70
80
90
100
20
40
60
80
100
Load Current (mA)
15V
24V
36V
48V
C004
VOUT=10V, fsw=240 kHz
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
VIN (V)
VCCvsVIN
C011
LM25019
www.ti.com
SNVS952E – DECEMBER 2012 – REVISED NOVEMBER 2015
6.7 Typical Characteristics
Figure 1. Efficiency at 240 kHz, 10 V
Figure 2. VCC vs VIN
Figure 3. VCC vs ICC
Figure 4. ICC vs External VCC
Figure 5. TON vs VIN and RON
Figure 6. TOFF (ILIM) vs VFB and VIN
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25019


Similar Part No. - LM25019MR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25019MR/NOPB TI-LM25019MR/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM25019MRE/NOPB TI-LM25019MRE/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM25019MRX/NOPB TI-LM25019MRX/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM25019MR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com