Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402MR Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3402MR
Description  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402MR Datasheet(HTML) 1 Page - Texas Instruments

  LM3402MR Datasheet HTML 1Page - Texas Instruments LM3402MR Datasheet HTML 2Page - Texas Instruments LM3402MR Datasheet HTML 3Page - Texas Instruments LM3402MR Datasheet HTML 4Page - Texas Instruments LM3402MR Datasheet HTML 5Page - Texas Instruments LM3402MR Datasheet HTML 6Page - Texas Instruments LM3402MR Datasheet HTML 7Page - Texas Instruments LM3402MR Datasheet HTML 8Page - Texas Instruments LM3402MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
GND
DIM
BOOT
SW
CS
RON
LM3402/02HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN
IF
VCC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
LM3402/HV 0.5-A Constant Current Buck Regulator for Driving High Power LEDs
1 Features
3 Description
The LM3402/HV are monolithic switching regulators
1
Integrated 0.5-A N-channel MOSFET
designed to deliver constant currents to high power
VIN Range from 6 V to 42 V (LM3402)
LEDs. Ideal for automotive, industrial, and general
VIN Range from 6 V to 75 V (LM3402HV)
lighting applications, they contain a high-side N-
channel MOSFET switch with a current limit of 735
500 mA Output Current Over Temperature
mA
(typical)
for
step-down
(Buck)
regulators.
Cycle-by-Cycle Current Limit
Hysteretic control with controlled ON-time coupled
No Control Loop Compensation Required
with an external resistor allow the converter output
voltage to adjust as needed to deliver a constant
Separate PWM Dimming and Low Power
current to series and series - parallel connected
Shutdown
arrays of LEDs of varying number and type, LED
Supports All Ceramic-Output Capacitors and
dimming
by
pulse
width
modulation
(PWM),
Capacitor-Less Outputs
broken/open LED protection, low-power shutdown
Thermal Shutdown Protection
and thermal shutdown complete the feature set.
VSSOP, SO PowerPAD™ Packages
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
VSSOP (8)
3.00 mm × 3.00 mm
LED Drivers
LM3402/HV
HSOP (8)
4.89 mm × 3.90 mm
Constant Current Source
(1) For all available packages, see the orderable addendum at
Automotive Lighting
the end of the data sheet.
General Illumination
Industrial Lighting
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3402MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402MR NSC-LM3402MR Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MR TI1-LM3402MR Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MR TI-LM3402MR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402MRX NSC-LM3402MRX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MRX TI1-LM3402MRX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3402MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com