Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC400MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC400MS8
Description  HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC400MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC400MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC400MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC400MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC400MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC400MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC400MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
12 - 215
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HIGH IP3 GaAs MMIC
MIXER, 1.7 - 2.2 GHz
v01.1003
Input IP2 vs.
Temperature @ LO = +17 dBm
Input IP2 vs. LO Drive @ LO = +17 dBm
Input P1dB vs.
Temperature @ LO = +17 dBm
20
25
30
35
40
45
1.7
1.8
1.9
2
2.1
2.2
2.3
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
20
25
30
35
40
45
1.7
1.8
1.9
2
2.1
2.2
2.3
+ 15 dBm
+ 16 dBm
+ 17dBm
+ 19dBm
RF FREQUENCY (GHz)
15
16
17
18
19
20
21
22
23
24
25
1.7
1.8
1.9
2
2.1
2.2
2.3
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
MxN Spurious Outputs
nLO
mRF
0
1
2
3
4
0
xx
-11
7
4
8
190
24
31
27
2
7170495864
3
7980807977
4
7780807980
RF Freq = 2 GHz @ -10 dBm
LO Freq = 1.8 GHz @ +17 dBm
All values in dBc relative to the IF output power.
Harmonics of LO
nLO Spur @ RF Port
LO Freq (GHz)
1
2
3
4
1.4
42
26
56
46
1.55
33
25
56
53
1.7
29
29
49
50
1.85
26
31
44
53
2
24364448
2.15
21
38
43
49
LO = +17 dBm
All values are in dBc below input LO level @ RF port.
HMC400MS8
*Unless otherwise noted, all measurements performed as a downconverter, with low side LO & IF = 200 MHz.
Absolute Maximum Ratings
RF/IF Input
+27 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
IF DC Current
±40 mA


Similar Part No. - HMC400MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8E HITTITE-HMC400MS8E Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results

Similar Description - HMC400MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com