Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59581 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 6Page - Texas Instruments TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments TLC59581 Datasheet HTML 11Page - Texas Instruments TLC59581 Datasheet HTML 12Page - Texas Instruments TLC59581 Datasheet HTML 13Page - Texas Instruments TLC59581 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
5
10
15
20
25
30
0
128
256
384
512
Color Control Data (Decimal)
1 mA
5 mA
10 mA
20 mA
25 mA
C006
±3
±2
±1
0
1
2
3
±40
±20
0
20
40
60
80
Ambient Temperature (
ƒC)
1 mA Min
1 mA Max
25 mA Min
25 mA Max
C005
0
2
4
6
8
10
12
0.0
0.2
0.4
0.6
0.8
1.0
Output Voltage (V)
Ta = -40°C
Ta = 25°C
Ta = 85°C
C003
T
A = ±40ƒC
T
A = 25ƒC
T
A = 85ƒC
±3
±2
±1
0
1
2
3
0
5
10
15
20
25
30
Output Current (mA)
VCC=3.3 V Min
VCC=3.3 V Max
VCC=5 V Min
VCC=5 V Max
C004
V
CC = 3.3 V Min
V
CC = 3.3 V Max
V
CC = 5 V Min
V
CC = 5 V Max
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
Output Voltage (V)
1 mA
10 mA
25 mA
5 mA
20 mA
C001
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
Output Voltage (V)
1 mA
5 mA
10 mA
20 mA
C002
TLC59581, TLC59582
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
7.6 Typical Characteristics
VCC = 3.3 V and TA = 25°C, unless otherwise noted.
VCC = 5 V
CCR/G/B = 1FFh, BC = 0
VCC = 3.3 V
CCR/G/B = 1FFh, BC = 0
Figure 1. Output Current vs Output Voltage
Figure 2. Output Current vs Output Voltage
VCC = 5 V
Temperature
CCR/G/B = 1FFh,
VOUTXn = 0.8 V
CCR/G/B = 1FFh, BC = 0
Changing
BC = 0
Figure 3. Output Current vs Output Voltage
Figure 4. Constant Current Error (CH-to-CH) vs Output
Current
VCC = 5 V
VOUTXn = 0.8 V
CCR/G/B = 1FFh,
VCC = 5 V
VOUTXn = 0.8 V
BC = 7
BC = 0
Figure 5. Constant-Current Error (CH-to-CH) vs Temperature
Figure 6. Color Control (CC) vs Output Current
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
TLC59582


Similar Part No. - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQR TI1-TLC5958RTQR Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQT TI1-TLC5958RTQT Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
More results

Similar Description - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com