Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBTR
Description  15-Series Cell Battery Monitor Family
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBTR Datasheet(HTML) 5 Page - Texas Instruments

  BQ7693003DBTR Datasheet HTML 1Page - Texas Instruments BQ7693003DBTR Datasheet HTML 2Page - Texas Instruments BQ7693003DBTR Datasheet HTML 3Page - Texas Instruments BQ7693003DBTR Datasheet HTML 4Page - Texas Instruments BQ7693003DBTR Datasheet HTML 5Page - Texas Instruments BQ7693003DBTR Datasheet HTML 6Page - Texas Instruments BQ7693003DBTR Datasheet HTML 7Page - Texas Instruments BQ7693003DBTR Datasheet HTML 8Page - Texas Instruments BQ7693003DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VC10
VC9
VC8
VC7
VC6
VC5
VC4
VC3
VC2
VC1
SRN
SRP
VC15
VC14
VC13
VC12
VC11
VC10x
NC
NC
TS3
VC0
VC5x
VSS
SCL
SDA
NC
NC
CHG
DSG
CAP1
TS1
CAP3
CAP2
REGSRC
TS2
REGOUT
VC5B
20
21
22
NC
BAT
NC
NC
VC10B
44
43
42
41
40
39
bq76940
44-TSSOP
ALERT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
30
29
28
27
26
25
24
23
22
21
20
VC10
VC9
VC8
VC7
VC6
VC5
VC4
VC3
VC2
VC1
VC0
VC5B
SRN
SRP
bq76930
30-TSSOP
ALERT
BAT
VC5x
VSS
SCL
SDA
NC
NC
CHG
DSG
CAP1
TS1
CAP2
REGSRC
TS2
REGOUT
SRN
SRP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VC5
VC4
VC3
VC2
VC1
VC0
NC
bq76920
20-TSSOP
ALERT
BAT
VSS
SCL
SDA
CHG
DSG
CAP 1
TS1
REGSRC
REGOUT
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
5
Pin Configuration and Functions
5.1
Versions
Figure 5-1. Pin Versions
bq76920: 3–5 Series Cells (20-TSSOP)
6.5 mm x 4.4 mm x 1.2 mm
bq76930: 6–10 Series Cells (30-TSSOP)
7.8 mm x 4.4 mm x 1.2 mm
bq76940: 9–15 Series Cells (44-TSSOP)
11.3 mm x 4.4 mm x 1.2 mm
Copyright © 2013–2015, Texas Instruments Incorporated
Pin Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940


Similar Part No. - BQ7693003DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76905 TI1-BQ76905 Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905RGRR TI1-BQ76905RGRR Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905XY TI1-BQ76905XY Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907 TI1-BQ76907 Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907RGRR TI1-BQ76907RGRR Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
More results

Similar Description - BQ7693003DBTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com