Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693006DBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693006DBT
Description  15-Series Cell Battery Monitor Family
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693006DBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ7693006DBT Datasheet HTML 3Page - Texas Instruments BQ7693006DBT Datasheet HTML 4Page - Texas Instruments BQ7693006DBT Datasheet HTML 5Page - Texas Instruments BQ7693006DBT Datasheet HTML 6Page - Texas Instruments BQ7693006DBT Datasheet HTML 7Page - Texas Instruments BQ7693006DBT Datasheet HTML 8Page - Texas Instruments BQ7693006DBT Datasheet HTML 9Page - Texas Instruments BQ7693006DBT Datasheet HTML 10Page - Texas Instruments BQ7693006DBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
30
29
28
27
26
25
24
23
22
21
20
VC10
VC9
VC8
VC7
VC6
VC5
VC4
VC3
VC2
VC1
VC0
VC5B
SRN
SRP
bq76930
30-TSSOP
ALERT
BAT
VC5x
VSS
SCL
SDA
NC
NC
CHG
DSG
CAP1
TS1
CAP2
REGSRC
TS2
REGOUT
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
5.3
bq76930 Pin Diagram
5.3.1
bq76930 Pin Map
bq76930 Pin Functions
PIN
NAME
TYPE
DESCRIPTION
1
DSG
O
Discharge FET driver
2
CHG
O
Charge FET driver
3
VSS
Chip VSS
4
SDA
I/O
I2C communication to the host controller
5
SCL
I
I2C communication to the host controller
6
TS1
I
Thermistor #1 positive terminal(1)
7
CAP1
O
Capacitor to VSS
8
REGOUT
P
Output LDO
9
REGSRC
I
Input source for output LDO
10
VC5X
P
Thermistor #2 negative terminal
11
NC
No connect (short to CAP2)
12
NC
No connect (short to CAP2)
13
TS2
I
Thermistor #2 positive terminal(1)
14
CAP2
O
Capacitor to VC5X
15
BAT
P
Battery (top-most) terminal
16
VC10
I
Sense voltage for 10th cell positive terminal
17
VC9
I
Sense voltage for 9th cell positive terminal
18
VC8
I
Sense voltage for 8th cell positive terminal
19
VC7
I
Sense voltage for 7th cell positive terminal
20
VC6
I
Sense voltage for 6th cell positive terminal
21
VC5B
I
Sense voltage for 6th cell negative terminal
22
VC5
I
Sense voltage for 5th cell positive terminal
23
VC4
I
Sense voltage for 4th cell positive terminal
(1)
If not used, pull down to group ground reference (VSS for TS1 and VC5X for TS2) with a 10-k
Ω
nominal resistor.
Copyright © 2013–2015, Texas Instruments Incorporated
Pin Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940


Similar Part No. - BQ7693006DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76905 TI1-BQ76905 Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905RGRR TI1-BQ76905RGRR Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905XY TI1-BQ76905XY Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907 TI1-BQ76907 Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907RGRR TI1-BQ76907RGRR Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
More results

Similar Description - BQ7693006DBT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com