Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3711 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3711
Description  36V Voltage Detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3711 Datasheet HTML 2Page - Texas Instruments TPS3711 Datasheet HTML 3Page - Texas Instruments TPS3711 Datasheet HTML 4Page - Texas Instruments TPS3711 Datasheet HTML 5Page - Texas Instruments TPS3711 Datasheet HTML 6Page - Texas Instruments TPS3711 Datasheet HTML 7Page - Texas Instruments TPS3711 Datasheet HTML 8Page - Texas Instruments TPS3711 Datasheet HTML 9Page - Texas Instruments TPS3711 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
VDD
SENSE
OUT
VIT+
V HYS
t pd(LH)
t pd(LH)
t pd(HL)
VIT±
t
d(start)
V(POR)
TPS3711
SBVS272 – NOVEMBER 2015
www.ti.com
6.6 Timing Requirements
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDD = 24 V, ±10-mV input overdrive,
tpd(HL)
High-to-low propagation delay(1)
9.9
µs
RL = 100 kΩ, VOH = 0.9 × VDD, VOL = 250 mV
VDD = 24 V, ±10-mV input overdrive,
tpd(LH)
Low-to-high propagation delay(1)
28.1
µs
RL = 100 kΩ, VOH = 0.9 × VDD, VOL = 250 mV
td(start)
(2)
Startup delay
VDD = 5 V
155
µs
VDD = 12 V, 10-mV input overdrive,
tr
Output rise time
2.7
µs
RL = 100 kΩ, CL = 10 pF, VO = (0.1 to 0.9) × VDD
VDD = 12 V, 10-mV input overdrive,
tf
Output fall time
0.12
µs
RL = 100 kΩ, CL = 10 pF, VO = (0.9 to 0.1) × VDD
(1)
High-to-low and low-to-high refers to the transition at the input pin (SENSE).
(2)
During power on, VDD must exceed 1.8 V for at least 150 µs (typ) before the output state reflects the input condition.
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3711


Similar Part No. - TPS3711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCR TI1-TPS3710DDCR Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCT TI1-TPS3710DDCT Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3711

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com