Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23751PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWP
Description  Wide Range High Efficiency DC-DC Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS23751PWP Datasheet HTML 1Page - Texas Instruments TPS23751PWP Datasheet HTML 2Page - Texas Instruments TPS23751PWP Datasheet HTML 3Page - Texas Instruments TPS23751PWP Datasheet HTML 4Page - Texas Instruments TPS23751PWP Datasheet HTML 5Page - Texas Instruments TPS23751PWP Datasheet HTML 6Page - Texas Instruments TPS23751PWP Datasheet HTML 7Page - Texas Instruments TPS23751PWP Datasheet HTML 8Page - Texas Instruments TPS23751PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TPS23751, TPS23752
www.ti.com
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
6.4 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN NOM
MAX
UNIT
ARTN, RTN, VDD
0
57
[LED, APD ,SRD, T2P, VC] to ARTN
0
18
Input voltage
V
[CTL,CS, MODE, SLPb, SRT, WAKE] to ARTN
0
VB
SRT to ARTN
0.5
1.5
RTN
1.2
A
Sinking current
SRD, T2P
2
mA
LED
10
Sourcing current
VB
(2)
5
mA
Continuous RTN current (TJ ≤ 125°C)
(3)
825
mA
RCLS
(2)
60
Ω
Resistance
RWAKE
392
k
Ω
Capacitance
VB
(2)
0.08
µF
Junction temperature
–40
125
°C
(1)
ARTN tied to RTN
(2)
Do not apply voltage supply to these pins.
(3)
This is minimum current-limit value. Viable systems will be designed for maximum currents below this value with reasonable margin.
IEEE 802.3at permits 600mA continuous loading.
6.5 Thermal Information
TPS23751
TPS23752
THERMAL METRIC(1)
PWP (TSSOP)
PWP (TSSOP)
UNIT
16 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
39.5
38.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.9
23.8
°C/W
RθJB
Junction-to-board thermal resistance
21.1
25.6
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.7
°C/W
ψJB
Junction-to-board characterization parameter
20.8
20.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
1.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS23751 TPS23752


Similar Part No. - TPS23751PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751PWP TI1-TPS23751PWP Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23751PWPR TI1-TPS23751PWPR Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
More results

Similar Description - TPS23751PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
Linear Technology
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
   DC/DC Converter adjustable, wide input range pfm controller
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com