Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23751PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWPR
Description  Wide Range High Efficiency DC-DC Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS23751PWPR Datasheet HTML 2Page - Texas Instruments TPS23751PWPR Datasheet HTML 3Page - Texas Instruments TPS23751PWPR Datasheet HTML 4Page - Texas Instruments TPS23751PWPR Datasheet HTML 5Page - Texas Instruments TPS23751PWPR Datasheet HTML 6Page - Texas Instruments TPS23751PWPR Datasheet HTML 7Page - Texas Instruments TPS23751PWPR Datasheet HTML 8Page - Texas Instruments TPS23751PWPR Datasheet HTML 9Page - Texas Instruments TPS23751PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TPS23751, TPS23752
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
www.ti.com
6.6 Electric Characteristics - Controller Section
Unless otherwise noted, 40 V
≤ VDD ≤ 57 V; VCTL = VMODE = VSLPb = VB; VSRT = 0.5 V; VAPD = VCS = VARTN = VRTN; CLS, GATE,
LED, SRD, T2P open; RWAKE = 392 kΩ; RDEN = 24.9 kΩ; RT = 34 kΩ; CVB = CVC = 0.1 µF;
–40
≤ TJ ≤ 125°C. Typical values are at 25°C. All voltages referred to VSS.
VC = 12 V, VDEN = VVSS, VARTN = VRTN = VSS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC (GATE DRIVE SUPPLY)
Output voltage; TPS23752 only
VVDD = 48 V, Sleep mode
12
12.8
13.8
V
VVDD = 48 V, VC = 0 V
1.1
1.5
2.1
IVC_ST
Startup source current
mA
VVDD = 10.9 V, VC = 8.6 V
0.9
1.3
1.8
IVC_OP
Operating current
VVC = 12 V, VCTL = VB
0.9
1.8
3.0
mA
tST
Bootstrap start up time, CVC = 22 µF
VVDD = 48 V, measure time from VVC (0) → VCUV
103
155
203
ms
VCUV
VVC rising until VSRD
8.6
8.9
9.2
V
UVLO threshold
VCUVH
Hysteresis
3
3.2
3.4
V
VB (BIAS SUPPLY)
Output voltage
7.5 V
≤ VVC ≤ 18 V, 0 ≤ IVB ≤ 5 mA
4.75
5.00
5.25
V
APD (AUXILIARY POWER DETECT)
VAPDEN
VAPD ↑, measure with respect to ARTN
1.43
1.50
1.57
V
APD threshold voltage
VAPDH
Hysteresis
0.28
0.30
0.32
V
Leakage current
VAPD = 18 V
10
µA
RT (OSCILLATOR)
FSW
Switching frequency in PWM mode
RT = 34.0 kΩ. Measure at GATE
226
251
276
kHz
FVFO
Switching frequency in VFO mode
VCTL = 1.75 V, RT = 34.0 kΩ. Measure at GATE
105
135
165
kHz
DMAX
Maximum duty cycle
VCTL = VB, Measure at GATE
75%
80%
85%
CTL (CONTROL – PWM INPUT)
VCTL ↓ until VSRD
1.90
2.00
2.10
V
VSRT = 0.5 V
Hysteresis (1)
35
mV
VCTL_VFO
VCTL at PWM/VFO transition point
VCTL ↓ until VSRD
2.15
2.25
2.35
V
VSRT = 1.0 V
Hysteresis (1)
40.50
mV
TSSD
Internal soft start delay time
VCTL = 3.5 V, measure from switching start to VCSMAX
1.87
3.01
5.09
ms
Input resistance
70
105
145
k
Ω
VZF
Zero frequency threshold (ZF)
VCTL ↓ until GATE stops switching
1.40
1.50
1.60
V
VZDC
Zero duty cycle (ZDC) threshold (VFO disabled)
VSRT = VARTN, VCTL ↓ until GATE stops switching
1.55
1.75
1.95
V
Gain, VCS to VCTL
(1)
5.0
V/V
CS (CURRENT SENSE)
VCSMAX
Maximum threshold voltage
VCS↑ until VGATE
0.22
0.25
0.28
V
1.60 V
≤ VCTL ≤ 1.90 V, VSRT = 0.5 V, VCS ↑ until
40
50
60
mV
VGATE
VCS_VFO
Peak VCS in VFO mode
1.85 V
≤ VCTL ≤ 2.15 V, VSRT = 1.0 V, VCS↑ until VGATE
85
100
115
mV
VPK
Internal slope compensation voltage, see Figure 1
D = DMAX
32
40
50
mV
ICS_RAMP
Ramp component of ICS
D = DMAX
12
16
25
µA
ICSDC
DC component of ICS
1
2
3
µA
Slope compensation ramp start relative to switching
DSLOPE_ST
30%
34%
39%
period. Refer to Figure 1
t1
Turn off delay
VCS = 0.3 V, measure tprf50–50, see Figure 2
50
90
ns
tBLNK
Blanking period
100
150
200
ns
Off state pulldown resistance
290
500
Ω
(1)
Parameters provided for reference only, and do not constitute part of TI published specifications for purposes of TI product warranty.
6
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS23751 TPS23752


Similar Part No. - TPS23751PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751PWPR TI1-TPS23751PWPR Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
More results

Similar Description - TPS23751PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
Linear Technology
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
   DC/DC Converter adjustable, wide input range pfm controller
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com