Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24710DGSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24710DGSR
Description  High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24710DGSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS24710DGSR Datasheet HTML 5Page - Texas Instruments TPS24710DGSR Datasheet HTML 6Page - Texas Instruments TPS24710DGSR Datasheet HTML 7Page - Texas Instruments TPS24710DGSR Datasheet HTML 8Page - Texas Instruments TPS24710DGSR Datasheet HTML 9Page - Texas Instruments TPS24710DGSR Datasheet HTML 10Page - Texas Instruments TPS24710DGSR Datasheet HTML 11Page - Texas Instruments TPS24710DGSR Datasheet HTML 12Page - Texas Instruments TPS24710DGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Voltage, V(VCC-SENSE) (mV)
1
2
3
4
5
6
7
8
9
10
-30
-20
-10
0
10
20
30
D001
TJ = 25°C
TJ = -40°C
TJ = 125°C
Voltage, V
(mV)
(VCC
)
SENSE
40
32
24
16
8
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
50
55
T = 25°C
T = 125°C
Gate Current at Current Limiting
T = –40°C
Voltage, V
(V)
(SENSE – OUT)
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
VCC Voltage = 12 V
T = 25°C
T = 125°C
T = –40°C
23.5
24
24.5
25
25.5
26
26.5
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
0
1
2
3
4
5
T = 25°C
T = 125°C
T = –40°C
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
7.7 Typical Characteristics
EN = High
EN = 0 V
Figure 4. Supply Current vs Input Voltage at Normal
Figure 5. Supply Current vs Input Voltage at Shutdown
Operation
Figure 6. Voltage Across RSENSE in Inrush Current Limiting
Figure 7. Voltage Across RSENSE in Inrush Power Limiting vs
vs Temperature
VDS of Pass MOSFET
VVCC = 12 V = VOUT
VVCC = 12 V
VOUT = 0 V
RPROG = 50 kΩ
VGATE = 3 V
Figure 8. Gate Current vs Voltage Across R(SENSE)
Figure 9. Gate Current vs V(VCC_SENSE)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713


Similar Part No. - TPS24710DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24710DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com