Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317A
Description  Integrated-FET Converter for DDR Memory Termination
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53317A Datasheet HTML 2Page - Texas Instruments TPS53317A Datasheet HTML 3Page - Texas Instruments TPS53317A Datasheet HTML 4Page - Texas Instruments TPS53317A Datasheet HTML 5Page - Texas Instruments TPS53317A Datasheet HTML 6Page - Texas Instruments TPS53317A Datasheet HTML 7Page - Texas Instruments TPS53317A Datasheet HTML 8Page - Texas Instruments TPS53317A Datasheet HTML 9Page - Texas Instruments TPS53317A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS53317A
SLUSC63A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
over recommended free-air temperature range, VV5IN = 5.0 V, PGND = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION: OVP, UVP, PGOOD, and THERMAL SHUTDOWN
PGOOD deassert to lower
Measured at the VOUT pin wrt/
VPGDLL
84%
(PGOOD
→ Low)
VREFIN
VPGHYSHL
PGOOD high hysteresis
8%
PGOOD de-assert to higher
Measured at the VOUT pin wrt/
VPGDLH
116%
(PGOOD
→ Low)
VREFIN
VPGHYSHH
PGOOD high hysteresis
-8%
Measured at the VIN pin with a 2-
VINMINPG
Minimum VIN voltage for valid PGOOD
mA sink current on PGOOD pin.
0.9
1.3
1.5
V
V5IN is grounded here.(2)
Measured at the VOUT pin wrt/
VOVP
OVP threshold
117%
120%
123%
VREFIN, VREFIN = 1 V
Measured at the VOUT pin wrt/
VUVP
UVP threshold
VREFIN, device latches OFF, begins
65%
68%
71%
soft-stop, VREFIN = 1 V
Latch off controller, attempt soft-
THSD
Thermal shutdown(1)
145
°C
stop.
Controller re-starts after
THSD(hys)
Thermal Shutdown hysteresis(1)
10
°C
temperature has dropped
DRIVERS: BOOT STRAP SWITCH
RDSONBST
Internal BST switch on-resistance
IBST = 10 mA, TA = 25°C
10
Ω
IBSTLK
Internal BST switch leakage current
VBST = 14 V, VSW = 7 V
1
µA
TIMERS: ON-TIME, MINIMUM OFF-TIME, SS, AND I/O TIMINGS
VVIN = 5 V, VVOUT = 1.05 V, fSW = 1
210
MHz
tONESHOTC
PWM one-shot(1)
ns
VVIN = 5 V, VVOUT = 1.05 V, fSW =
310
600 kHz
VVIN = 5 V, VVOUT = 1.05 V, fSW = 1
tMIN(off)
Minimum OFF time
MHz, DRVL on,
270
ns
SW = PGND, VVOUT < VREFIN
From VOUT ramp starting to VOUT
tINT(SS)
Soft-start time
1.6
ms
=95%, default setting
From VVREF = 2 V to VOUT is ready
tINT(SSDLY)
Internal soft-start delay time
260
µs
to ramp up
At external tracking, the time from
tPGDDLY
PGOOD startup delay time
8
ms
VOUT is ready to ramp up
tPGDPDLYH
PGOOD high propagation delay time
50 mV over drive, rising edge
0.8
1
1.2
ms
tPGDPDLYL
PGOOD low propagation delay time
50 mV over drive, falling edge
10
µs
Time from the VOUT pin out of
tOVPDLY
OVP delay time
10
µs
+20% of REFIN to OVP fault
Time from EN_INT going high to
2
undervoltage fault is ready
tUVDLYEN
Undervoltage fault enable delay
ms
External tracking from VOUT ramp
8
starts
Time from the VOUT pin out of
tUVPDLY
UVP delay time
256
µs
–32% of REFIN to UVP fault
LOGIC PINS: I/O VOLTAGE AND CURRENT
PGOOD low impedance, ISINK = 4
PGOOD pull-down voltage
0.3
V
mA, VV5IN = 4.5 V
PGOOD high impedance, forced to
PGOOD leakage current
–1
0
1
µA
5.5 V
EN logic high
EN, VCCP logic
2
V
EN logic low
EN, VCCP logic
0.5
V
EN input current
1
µA
(2)
If V5IN is higher than 1.5 V, PGOOD is valid regardless of the voltage applied at VIN. This is based on bench testing.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS53317A


Similar Part No. - TPS53317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_17 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Altera Corporation
EV1320QI ALTERA-EV1320QI Datasheet
1Mb / 20P
   2A PowerSoC Source/Sink DDR Memory Termination Converter
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
   Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
   Integrated Linear DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com