Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317A
Description  Integrated-FET Converter for DDR Memory Termination
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53317A Datasheet HTML 3Page - Texas Instruments TPS53317A Datasheet HTML 4Page - Texas Instruments TPS53317A Datasheet HTML 5Page - Texas Instruments TPS53317A Datasheet HTML 6Page - Texas Instruments TPS53317A Datasheet HTML 7Page - Texas Instruments TPS53317A Datasheet HTML 8Page - Texas Instruments TPS53317A Datasheet HTML 9Page - Texas Instruments TPS53317A Datasheet HTML 10Page - Texas Instruments TPS53317A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C002
V
IN = 2.5 V
V
OUT = 0.6 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C005
V
IN = 2.5 V
V
OUT = 0.75 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C001
V
IN = 1.2 V
V
OUT = 0.6 V
f
SW = 600 kHz PWM
Ambient Temp T
A
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C004
V
IN = 1.5 V
V
OUT = 0.75 V
f
SW = 600 kHz PWM
Ambient Temp T
A
TPS53317A
www.ti.com
SLUSC63A – NOVEMBER 2015 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
over recommended free-air temperature range, VV5IN = 5.0 V, PGND = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold 1
80
130
180
Threshold 2
200
250
300
Threshold 3
370
420
470
MODE threshold voltage(3)
Threshold 4
550
600
650
mV
Threshold 5
830
880
930
Threshold 6
1200
1250
1300
Threshold 7
1765
1800
1850
MODE current
15
µA
(3)
See Table 1 for descriptions of MODE parameters.
6.6 Typical Characteristics
Characterization data tested using the TPS53317AEVM-726 where the external tracking input sets the output voltage and
operates in non-droop mode. See SLUUBD2 for detailed configuration.
Figure 1. Efficiency vs. Output Current
Figure 2. Efficiency vs. Output Current
Figure 3. Efficiency vs. Output Current
Figure 4. Efficiency vs. Output Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS53317A


Similar Part No. - TPS53317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_17 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Altera Corporation
EV1320QI ALTERA-EV1320QI Datasheet
1Mb / 20P
   2A PowerSoC Source/Sink DDR Memory Termination Converter
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
   Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
   Integrated Linear DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com