Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2062CDGNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062CDGNR
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062CDGNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2062CDGNR Datasheet HTML 7Page - Texas Instruments TPS2062CDGNR Datasheet HTML 8Page - Texas Instruments TPS2062CDGNR Datasheet HTML 9Page - Texas Instruments TPS2062CDGNR Datasheet HTML 10Page - Texas Instruments TPS2062CDGNR Datasheet HTML 11Page - Texas Instruments TPS2062CDGNR Datasheet HTML 12Page - Texas Instruments TPS2062CDGNR Datasheet HTML 13Page - Texas Instruments TPS2062CDGNR Datasheet HTML 14Page - Texas Instruments TPS2062CDGNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
−8m −4m
0
4m
8m
12m 16m 20m 24m 28m 32m
−8
−6
−4
−2
0
2
4
6
8
−0.6
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 0
, TPS2062C
Lx
Loadx
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−8
−6
−4
−2
0
2
4
6
8
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 10
, TPS2062C
Lx
Loadx
−4m
−2m
0
2m
4m
6m
8m
10m
12m
14m
−8
−6
−4
−2
0
2
4
6
8
−0.6
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
ENx
OUTx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 2.0
, TPS2062C
Lx
Loadx
−8m
−4m
0
4m
8m
12m
−6
−4
−2
0
2
4
6
8
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN
OUTx
FLTx
Time (s)
IOUTx
VIN = 5 V,CLx = 150 µF, RLoadx = 5 Ω, TPS2062C
−4m
0
4m
8m
12m
16m
−6
−4
−2
0
2
4
6
8
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN
OUTx
FLTx
Time (s)
IOUTx
VIN = 5 V,CLx = 150 µF, RLoadx = 5 Ω, TPS2062C
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
www.ti.com
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Figure 7. TPS2062C Power Up – Enabled
Figure 8. TPS2062C Power Down – Enabled
Figure 9. TPS2062C Enable With 2-
Ω Load
Figure 10. TPS2062C Enable With 1-
Ω Load
Figure 11. TPS2062C Enable and Disable
Figure 12. TPS2062C Enable and Disable
into Output Short
into 10-
Ω Load
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2062CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062CDGNR TI1-TPS2062CDGNR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2062CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com