Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1029808 Datasheet(PDF) 5 Page - SICK AG

Part # 1029808
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1029808 Datasheet(HTML) 5 Page - SICK AG

  1029808 Datasheet HTML 1Page - SICK AG 1029808 Datasheet HTML 2Page - SICK AG 1029808 Datasheet HTML 3Page - SICK AG 1029808 Datasheet HTML 4Page - SICK AG 1029808 Datasheet HTML 5Page - SICK AG 1029808 Datasheet HTML 6Page - SICK AG 1029808 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DME4000-124 | DME4000
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Brief description
Type
Part no.
Alignment unit, Stainless steel
BEF-DME align-
ment bracket
2040695
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, PUR, halogen-free, shielded, 5 m
DOL-1205-G05MQ
6026006
Head A: female connector, M12, 5-pin, A-coded
Head B: cable
Cable: Power, CAN, unshielded, 5 m
DOL-1205-
G05M_Can
6021166
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: CANopen, Shielded cable, 6 m
DOL-1205-G06MK
6028326
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, PVC, shielded, 10 m
DOL-1205-G10MQ
6026008
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: CAN/CANopen, shielded, 10 m
Shielded on pin 1
DOL-1205-
G10M_Can
6021175
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, shielded, 15 m
DOL-1205-G15MQ
6032637
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 2 m
DOL-1208-G02MAH1
6032448
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 5 m
DOL-1208-G05MAH1
6032449
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 10 m
DOL-1208-G10MAH1
6032450
Head A: female connector, M16, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 5 m
DOL-1608-G05MA
2026742
Head A: female connector, M16, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 10 m
DOL-1608-G10MA
2027193
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 5 m
Wire shield Al-Pt film, overall shield C-screen tin-plated
STL-1205-G05MQ
6026005
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 10 m
Wire shield Al-Pt film, overall shield C-screen tin-plated
STL-1205-G10MQ
6026007
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 15 m
STL-1205-G15MQ
6036898
Head A: female connector, 7/8", 5-pin, straight
Head B: -
Cable: DeviceNet, CANopen, DeviceNet Safety, terminal resistor, shielded
For field bus technology
DOS-7805-GKEND
6028329


Similar Part No. - 1029808

ManufacturerPart #DatasheetDescription
logo
SICK AG
1029800 SICK-1029800 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
1029801 SICK-1029801 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
1029802 SICK-1029802 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
1029803 SICK-1029803 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
1029804 SICK-1029804 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - 1029808

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com