Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY396G Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BY396G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BY396G Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BY396G Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BY396G Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BY396G THRU BY399G
3
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
200
160
120
80
40
0
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0.01
0.1
1
20
10
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - BY396G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
logo
Chongqing Pingwei Enter...
BY396G CHONGQING-BY396G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
BY396G SY-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY396G TAYCHIPST-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - BY396G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com