Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08161 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08161
Description  500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08161 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08161 Datasheet HTML 1Page - National Semiconductor (TI) ADC08161 Datasheet HTML 2Page - National Semiconductor (TI) ADC08161 Datasheet HTML 3Page - National Semiconductor (TI) ADC08161 Datasheet HTML 4Page - National Semiconductor (TI) ADC08161 Datasheet HTML 5Page - National Semiconductor (TI) ADC08161 Datasheet HTML 6Page - National Semiconductor (TI) ADC08161 Datasheet HTML 7Page - National Semiconductor (TI) ADC08161 Datasheet HTML 8Page - National Semiconductor (TI) ADC08161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V
+ = 5V unless otherwise specified. Boldface limits apply for T
A = TJ = TMIN to TMAX;
all other limits T
A = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
V
IL
Logic “0” Input Voltage
V
+ = 4.5V
CS, WR, RD, A0, A1, A2 Pins
0.8
V (max)
Mode Pin
1.5
I
IH
Logic “1” Input Current
V
H = 5V
CS, RD, A0, A, A2 Pins
0.005
1
WR Pin
0.1
3
µA (max)
Mode Pin
50
200
I
IL
Logic “0” Input Current
V
L = 0V
CS, RD, WR, A0, A1, A2
Mode Pins
−0.005
−2
µA (max)
V
OH
Logic “1” Output Voltage
V
+ = 4.75V
I
OUT = −360 µA
2.4
V (min)
DB0–DB7, OFL, INT
I
OUT = −10 µA
4.5
V (min)
DB0–DB7, OFL, INT
V
OL
Logic “0” Output Voltage
V
+ = 4.75V
I
OUT = 1.6 mA
0.4
V (max)
DB0–DB7, OFL, INT, RDY
I
O
TRI-STATE Output Current
V
OUT = 5.0V
0.1
3
µA (max)
DB0–DB7, RDY
V
OUT = 0V
−0.1
−3
µA (max)
DB0–DB7, RDY
I
SOURCE
Output Source Current
V
OUT = 0V
−26
−6
mA (min)
DB0–DB7, OFL, INT
I
SINK
Output Sink Current
V
OUT = 5V
24
7
mA (min)
DB0–DB7, OFL, INT, RDY
I
C
Supply Current
CS = WR = RD = 0
11.5
20
mA (max)
C
OUT
Logic Output Capacitance
5
pF
C
IN
Logic Input Capacitance
5
pF
Bandgap Reference Electrical Characteristics
The following specifications apply for V
+ = 5V unless otherwise specified. Boldface limits apply for T
MIN to TMAX; all other
limits T
A = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 7)
(Note 8)
(Limit)
V
REFOUT
Internal Reference Output Voltage
2.5 ± 2.0%
V (max)
∆V
REF/∆T
Internal Reference Temperature
40
ppm/˚C
Coefficient
∆V
REF/∆IL
Internal Reference Load
Sourcing (0
≤ I
L ≤ +10 mA)
0.01
0.1
%/mA (max)
Regulation
Line Regulation
4.75V
≤ V+ ≤ 5.25V
0.5
6.0
mV (max)
I
SC
Short Circuit Current
V
REV = 0V
35
mA (max)
∆V
REF/∆t
Long Term Stability
200
ppm/kHr
Start-Up Time
V
+:0V→5V, C
L = 220 µF
40
ms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating ratings. Operating Ratings indicate conditions for which the device is functional, but do not guarantee performance limits.
For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some per-
formance characteristics may degrade when the device is not operated under the listed test conditions.
www.national.com
5


Similar Part No. - ADC08161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI-ADC0816 Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
More results

Similar Description - ADC08161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061 Datasheet
307Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
logo
Maxim Integrated Produc...
MAX138 MAXIM-MAX138 Datasheet
472Kb / 8P
   3쩍Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter
19-0805; Rev 1; 12/94
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Linear Technology
LT1029 LINER-LT1029_02 Datasheet
71Kb / 4P
   5V Bandgap Reference
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com