Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500511RHAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500511RHAR
Description  Low Cost 5-V Wireless Power Transmitter Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500511RHAR Datasheet(HTML) 4 Page - Texas Instruments

  BQ500511RHAR Datasheet HTML 1Page - Texas Instruments BQ500511RHAR Datasheet HTML 2Page - Texas Instruments BQ500511RHAR Datasheet HTML 3Page - Texas Instruments BQ500511RHAR Datasheet HTML 4Page - Texas Instruments BQ500511RHAR Datasheet HTML 5Page - Texas Instruments BQ500511RHAR Datasheet HTML 6Page - Texas Instruments BQ500511RHAR Datasheet HTML 7Page - Texas Instruments BQ500511RHAR Datasheet HTML 8Page - Texas Instruments BQ500511RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
bq500511
SLUSCD3A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
ISENSE
3
I
Input current sense.
LED_A
11
O
Connect to a LED via 1-k
Ω resistor for status indication. Typically GREEN.
LED_B
12
O
Connect to a LED via 1-k
Ω resistor for status indication. Typically RED.
LED_C
14
O
Connect to a LED via 1-k
Ω resistor for status indication. Typically ORANGE.
LED_MODE
34
I
LED mode selection.
MODE is an output intended for use by the bq50002 Analog Front End indicating whether adjustments
MODE
16
O
should be made using frequency (when MODE is low) or duty-cycle (when MODE is high).
If PWM_CTRL is high, this pin outputs PWM1 signal. If PWM_CTRL is low, this pin outputs clock signal.
PWM1 /
1
O
The rising edge of the clock is used to adjust frequency (MODE low) or duty cycle (MODE high) output of
CLK_OUT
the bq50002 Analog Front End.
PWM_CTRL is an output intended for use by the bq50002 Analog Front End to select whether its PWM
PWM_CTRL
38
O
outputs are generated internally within the bq50002 itself (PWM_CTRL HIGH), or whether they are simply
passed through from external signals (PWM_CTRL LOW).
If PWM_CTRL is high, this pin outputs PWM2 signal. If PWM_CTRL is low, this pin is used to adjust the
PWM2 /
frequency (MODE low) or duty cycle (MODE high) of the external PWM output. If this signal is high, it
2
O
UP_DOWN
decrease frequency or increase duty cycle. If this signal is low, it increases frequency or decreases duty
cycle output of the bq50002 Analog Front End.
Reserved
4
I
Leave this pin open.
Reserved
5
I
Unused
Reserved
19
I
Reserved. Leave this pin open.
Reserved
20
I/O
Reserved. Leave this pin open.
SCL
29
I/O
10-k
Ω pull-up resistor to 3-V supply. I2C Clock.
SDA
28
I/O
10-k
Ω pull-up resistor to 3-V supply. I2C Data.
TSENSE
13
I
Temperature sensing for safety shutdown. Connect to 3 V via 10-k
Ω resistor if unused.
Unused
6
I
Leave this pin open.
Unused
7
I/O
Leave this pin open.
17, 18,
Unused
I/O
Leave this pin open.
24–27
VCORE
30
Regulated internal core power supply. Connect via 0.4-µF capacitor to ground.
VPEAK
8
I
Peak coil voltage.
VSENSE
9
I
Input voltage sense.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq500511


Similar Part No. - BQ500511RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511ARHAR TI1-BQ500511ARHAR Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511ARHAT TI1-BQ500511ARHAT Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
More results

Similar Description - BQ500511RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ50002A TI1-BQ50002A Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ50002 TI1-BQ50002 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
Texas Instruments
BQ500211A TI-BQ500211A Datasheet
1,010Kb / 27P
[Old version datasheet]   5-V, WPC1.1 Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
logo
NXP Semiconductors
NXQ1TXL5 NXP-NXQ1TXL5 Datasheet
166Kb / 17P
   Low-cost one-chip 5 V Qi compliant transmitter
Rev. 1-8 April 2016
logo
List of Unclassifed Man...
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
   Wireless Remote Controller/Transmitter
TX-F04 ETC2-TX-F04 Datasheet
344Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com