Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3630ATME Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3630ATME
Description  High-Efficiency Dual-String White LED Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3630ATME Datasheet(HTML) 1 Page - Texas Instruments

  LM3630ATME Datasheet HTML 1Page - Texas Instruments LM3630ATME Datasheet HTML 2Page - Texas Instruments LM3630ATME Datasheet HTML 3Page - Texas Instruments LM3630ATME Datasheet HTML 4Page - Texas Instruments LM3630ATME Datasheet HTML 5Page - Texas Instruments LM3630ATME Datasheet HTML 6Page - Texas Instruments LM3630ATME Datasheet HTML 7Page - Texas Instruments LM3630ATME Datasheet HTML 8Page - Texas Instruments LM3630ATME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
VOUT up to 40V
VIN
COUT
CIN
L
D1
LED1
LED2
OVP
LM3630A
GND
SW
IN
SDA
SCL
HWEN
PWM
AP
INTN
SEL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM3630A
SNVS974B – APRIL 2013 – REVISED OCTOBER 2015
LM3630A High-Efficiency Dual-String White LED Driver
1 Features
3 Description
The LM3630A is a current-mode boost converter
1
Drives up to 2 Strings of 10 Series LEDs
which supplies the power and controls the current in
Wide 2.3-V to 5.5-V Input Voltage Range
up to two strings of 10 LEDs per string. Programming
Up to 87% Efficient
is
done
over
an
I2C-compatible
interface.
The
maximum LED current is adjustable from 5 mA to
8-bit I2C-Compatible Programmable Exponential
28.5 mA. At any given maximum LED current the
or Linear Brightness Control
LED
brightness
is
further
adjusted
with
256
PWM Brightness Control for CABC Operation
exponential or linear dimming steps. Additionally,
Independent Current Control per String
pulsed width modulation (PWM) brightness control
can be enabled allowing for LED current adjustment
True Shutdown Isolation for LEDs
by a logic level PWM signal.
Internal Soft-Start Limits Inrush Current
The boost switching frequency is programmable at
Adaptive Headroom
500 kHz for low switching loss performance or 1 MHz
Programmable 16-V/24-V/32-V/40-V Overvoltage
to allow the use of tiny low-profile inductors. A setting
Protection
for a 10% offset of these frequencies is available.
Selectable Boost Frequency of 500 kHz or 1 MHz
Overvoltage protection is programmable at 16 V,
with Optionally Additional Offset
24 V, 32 V, or 40 V to accommodate a wide variety of
LED
configurations
and
Schottky
diode/output
Low Profile 12-Pin DSBGA Package
capacitor combinations.
Solution Size 32 mm²
The device operates over a 2.3-V to 5.5-V operating
voltage
range
and
–40°C
to
+85°C
ambient
2 Applications
temperature range. The LM3630A is available in an
Smart-Phone LCD Backlighting
ultra-small 12-bump DSBGA package.
LCD and Keypad Lighting
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3630A
DSBGA (12)
1.94 mm × 1.42 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3630ATME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3630ATME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com