Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74670-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM74670-Q1
Description  Zero IQ Smart Diode Rectifier Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74670-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM74670-Q1 Datasheet HTML 1Page - Texas Instruments LM74670-Q1 Datasheet HTML 2Page - Texas Instruments LM74670-Q1 Datasheet HTML 3Page - Texas Instruments LM74670-Q1 Datasheet HTML 4Page - Texas Instruments LM74670-Q1 Datasheet HTML 5Page - Texas Instruments LM74670-Q1 Datasheet HTML 6Page - Texas Instruments LM74670-Q1 Datasheet HTML 7Page - Texas Instruments LM74670-Q1 Datasheet HTML 8Page - Texas Instruments LM74670-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM74670-Q1
SNOSD08A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Cathode to Anode (For a 2ms time duration) (2), (3)
-3
45
V
Cathode to Anode (Continuous)(3)
-3
42
V
VcapH to VcapL
-0.3
7
V
Anode to VcapL
-0.3
3
V
Gate Drive, Gate Pull Down to VcapL
-0.3
7
V
Ambient Temperature (TA-MAX) (4)
-40
125
°C
Case Temperature (TC-MAX)
-40
125
°C
Storage temperature range, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
42V continuous (and 45V transients for 2ms) absmax condition from Cathode to Anode. Suitable to use with TVS SMBJ28A and
SMBJ14A at the anode.
(3)
Reverse voltage rating only. There is no positive voltage limitation for the LM74670-Q1 Anode terminal.
(4)
The device performance is ensured over this Ambient Temperature range as long the Case Temperature does not exceed the MAX
value.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(2)
±4000
V(ESD)
Electrostatic discharge(1)
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Cathode To Anode
42
V
Ambient Temperature (TA-MAX)
-40
125
°C
Case Temperature (TC-MAX)
125
°C
6.4 Thermal Information
LM74670-Q1
THERMAL METRIC(1)
UNIT
VSSOP 8 PINS
RθJA
Junction-to-ambient thermal resistance
181
RθJC(top)
Junction-to-case (top) thermal resistance
73
RθJB
Junction-to-board thermal resistance
102
°C/W
ψJT
Junction-to-top characterization parameter
11
ψJB
Junction-to-board characterization parameter
100
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM74670-Q1


Similar Part No. - LM74670-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74610QDGKRQ1 TI1-LM74610QDGKRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74610QDGKTQ1 TI1-LM74610QDGKTQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
More results

Similar Description - LM74670-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-Q1 TI1-LM74700-Q1 Datasheet
296Kb / 18P
[Old version datasheet]   Low IQ Always ON Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
Cree, Inc
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com