Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3710 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710
Description  Wide VIN Voltage Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3710 Datasheet HTML 1Page - Texas Instruments TPS3710 Datasheet HTML 2Page - Texas Instruments TPS3710 Datasheet HTML 3Page - Texas Instruments TPS3710 Datasheet HTML 4Page - Texas Instruments TPS3710 Datasheet HTML 5Page - Texas Instruments TPS3710 Datasheet HTML 6Page - Texas Instruments TPS3710 Datasheet HTML 7Page - Texas Instruments TPS3710 Datasheet HTML 8Page - Texas Instruments TPS3710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.4
399.8
400.2
400.6
401
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
Up to 18 V
1.8 V to 18 V
VMON
RP
To a reset or enable
input of the system.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3710
SBVS271 – OCTOBER 2015
TPS3710 Wide VIN Voltage Detector
1 Features
3 Description
The TPS3710 wide-supply voltage detector operates
1
Wide Supply Voltage Range: 1.8 V to 18 V
over a 1.8-V to 18-V range. The device has a high-
Adjustable Threshold: Down to 400 mV
accuracy
comparator
with
an
internal
400-mV
High Threshold Accuracy:
reference and an open-drain output rated to 18 V for
precision voltage detection. The monitored voltage
1.0% Over Temperature
can be set with the use of external resistors.
0.25% (Typical)
The OUT pin is driven low when the voltage at the
Low Quiescent Current: 5.5 µA (Typical)
SENSE pin drops below (VIT–), and goes high when
Open-Drain Output
the voltage returns above the respective threshold
Internal Hysteresis: 5.5 mV (Typical)
(VIT+). The comparator in the TPS3710 includes built-
in hysteresis for filtering to reject brief glitches,
Temperature Range: –40°C to +125°C
thereby ensuring stable output operation without false
Packages:
triggering.
SOT-6
The TPS3710 is available in a SOT-6 package, and a
1.5-mm × 1.5-mm WSON-6
1.5-mm × 1.5-mm WSON-6 package, and is specified
over the junction temperature range of –40°C to
2 Applications
+125°C.
Industrial Control Systems
Device Information (1)
Automotive Systems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Embedded Computing Modules
SOT (6)
2.90 mm × 1.60 mm
DSP, Microcontroller, or Microprocessor
TPS3710
WSON (6)
1.50 mm × 1.50 mm
Applications
(1) For all available packages, see the package option addendum
Notebook and Desktop Computers
at the end of the datasheet.
Portable- and Battery-Powered Products
FPGA and ASIC Applications
Simplified Schematic
Rising Input Threshold Voltage (VIT+) vs
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710QDSERQ1 TI1-TPS3710QDSERQ1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com