Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3710DDCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710DDCR
Description  Wide VIN Voltage Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710DDCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3710DDCR Datasheet HTML 1Page - Texas Instruments TPS3710DDCR Datasheet HTML 2Page - Texas Instruments TPS3710DDCR Datasheet HTML 3Page - Texas Instruments TPS3710DDCR Datasheet HTML 4Page - Texas Instruments TPS3710DDCR Datasheet HTML 5Page - Texas Instruments TPS3710DDCR Datasheet HTML 6Page - Texas Instruments TPS3710DDCR Datasheet HTML 7Page - Texas Instruments TPS3710DDCR Datasheet HTML 8Page - Texas Instruments TPS3710DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS3710
www.ti.com
SBVS271 – OCTOBER 2015
6.5 Electrical Characteristics
Over the operating temperature range of TJ = –40°C to +125°C, and 1.8 V < VDD < 18 V (unless otherwise noted).
Typical values are at TJ = 25°C and VDD = 5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(POR)
Power-on reset voltage (1)
VOLmax = 0.2 V, output sink current = 15 µA
0.8
V
VDD = 1.8 V
396
400
404
VIT+
Positive-going input threshold voltage
mV
VDD = 18 V
396
400
404
VDD = 1.8 V
387
394.5
400
VIT–
Negative-going input threshold voltage
mV
VDD = 18 V
387
394.5
400
Vhys
Hysteresis voltage (hys = VIT+ – VIT–)
5.5
12
mV
I(SENSE)
Input current (at the SENSE pin)
VDD = 1.8 V and 18 V, VI = 6.5 V
–25
1
25
nA
VDD = 1.3 V, output sink current = 0.4 mA
250
VOL
Low-level output voltage
VDD = 1.8 V, output sink current = 3 mA
250
mV
VDD = 5 V, output sink current = 5 mA
250
VDD = 1.8 V and 18 V, VO = VDD
300
Ilkg(OD)
Open-drain output leakage-current
nA
VDD = 1.8 V, VO = 18 V
300
VDD = 1.8 V, no load
5.5
11
VDD = 5 V
6
13
IDD
Supply current
µA
VDD = 12 V
6
13
VDD = 18 V
7
13
UVLO
Undervoltage lockout (2)
VDD falling
1.3
1.7
V
(1)
The lowest supply voltage (VDD) at which output is active; tr(VDD) > 15 µs/V. Below V(POR), the output cannot be determined.
(2)
When VDD falls below UVLO, OUT is driven low. The output cannot be determined below V(POR).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3710


Similar Part No. - TPS3710DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710QDSERQ1 TI1-TPS3710QDSERQ1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com