Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5927IPWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5927IPWPRG4
Description  16-Channel Constant-Current LED Sink Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5927IPWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5927IPWPRG4 Datasheet HTML 1Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 2Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 3Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 4Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 5Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 6Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 7Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 8Page - Texas Instruments TLC5927IPWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLC5926, TLC5927
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
9.1
Overview ................................................................. 13
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 13
2
Applications ........................................................... 1
9.3
Feature Description................................................. 13
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 15
4
Revision History..................................................... 2
10
Application and Implementation........................ 19
5
Device Comparison Table..................................... 3
10.1
Application Information.......................................... 19
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ............................................... 21
7
Specifications......................................................... 4
11
Power Supply Recommendations ..................... 24
7.1
Absolute Maximum Ratings ...................................... 4
12
Layout................................................................... 24
7.2
ESD Ratings.............................................................. 4
12.1
Layout Guidelines ................................................. 24
7.3
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 24
7.4
Thermal Information .................................................. 4
13
Device and Documentation Support ................. 27
7.5
Electrical Characteristics: VDD = 3 V......................... 5
13.1
Related Links ........................................................ 27
7.6
Electrical Characteristics: VDD = 5.5 V...................... 6
13.2
Community Resources.......................................... 27
7.7
Timing Recommendations ........................................ 7
13.3
Trademarks ........................................................... 27
7.8
Switching Characteristics: VDD = 3 V........................ 7
13.4
Electrostatic Discharge Caution ............................ 27
7.9
Switching Characteristics: VDD = 5.5 V..................... 8
13.5
Glossary ................................................................ 27
7.10
Typical Characteristics ............................................ 9
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 10
Information ........................................................... 27
9
Detailed Description ............................................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2014) to Revision C
Page
Updated Default Relationship Curve graphic. ..................................................................................................................... 19
Changes from Revision A (June 2009) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5926 TLC5927


Similar Part No. - TLC5927IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5927IPWPRG4 TI-TLC5927IPWPRG4 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IPWPRG4 TI-TLC5927IPWPRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5927IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com