Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3101-00-HVIZ Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3101-00-HVIZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101-00-HVIZ Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3101-00-HVIZ_16 Datasheet HTML 4Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 5Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 6Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 7Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 8Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 9Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 10Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 11Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Cool-Power®
Rev 1.2
vicorpower.com
Page 8 of 22
02/2015
800 927.9474
48 Volt PI31xx
[1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control.
Unless otherwise specified, ATE tests are completed at room temperature.
[2] Current flow sourced by a pin has a negative sign.
PI3101-00-HVIZ Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ENABLE
DC Voltage Reference Output
VERO
4.65
4.9
5.15
Vdc
Output Current Limit(2)
IECL
ENABLE = 3.3 V
-3.3
-2.6
-1.9
mAdc
Start Up Current Limit(2)
IESL
ENABLE = 1 V
-120
-90
-60
µA
Module Enable Voltage
VEME
1.95
2.5
3.05
Vdc
Module Disable Voltage
VEMD
1.8
2.35
2.9
Vdc
Disable Hysteresis
VEDH
150
mV
Enable Delay Time
tEE
10
µs
Disable Delay Time
tED
10
µs
Maximum Capacitance
CEC
1500
pF
Maximum External Toggle Rate
fEXT
1Hz
TRIM/SS
Trim Voltage Reference
VREF
1.22
Vdc
Internal Capacitance
CREFI
10
nF
External Capacitance
CREF
1µF
Internal Resistance
RREFI
10
kohms
TM (Temperature Monitor)
Temperature Coefficient[1]
TMTC
10
mV/°K
Temperature Full Range Accuracy[1]
TMACC
-5
5
°K
Drive Capability
ITM
-100
µA
TM Output Setting
VTM
Ambient Temperature = 300°K
3.00
V
Thermal Specification
Junction Temperature Shutdown[1]
TMAX
130
135
140
°C
Junction-to-Case Thermal Impedance
R
ΘJ-C
3
°C/W
Case-to-Ambient Thermal Impedance
R
ΘC-A
Mounted on 9 in2 1oz. Cu 6 layer PCB 25°C
8.65
°C/W
Regulatory Specification
IEC 60950-1:2005 (2nd Edition),
EN 60950-1:2006
IEC 61000-4-2
UL 60950-1:2007
CAN/CSA C22.2 NO. 60950-1-07
Recommended Input Fuse Rating
IFUSE
Fast acting LITTLEFUSE Nano2 Series Fuse
4
10
A


Similar Part No. - PI3101-00-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3101-00-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com