Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3109-00-HVMZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3109-00-HVMZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3109-00-HVMZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3109-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 9Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 10Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 11Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 12Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Cool-Power®
Rev 1.4
vicorpower.com
Page 9 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
No Heatsink Thermal Derating
Temp °C
18 V 0 LFM
24 V 0 LFM
28 V 0 LFM
36 V 0 LFM
18 V 200 LFM
24 V 200 LFM
28 V 200 LFM
36 V 200 LFM
18 V 600 LFM
24 V 600 LFM
28 V 600 LFM
36 V 600LFM
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110
Figure 2 — Load Currrent vs Temperature (without Heat Sink)
Figure 1 — Conversion Efficiency
Figure 3 — Load Currrent vs Temperature (6.3mm Heat Sink)
11 mm Heatsink Thermal Derating
Temp °C
18 V 0 LFM
24 V 0 LFM
28 V 0 LFM
36 V 0 LFM
18 V 200 LFM
24 V 200 LFM
28 V 200 LFM
36 V 200 LFM
18 V 600 LFM
24 V 600 LFM
28 V 600 LFM
36 V 600LFM
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110115
Figure 4 — Load Currrent vs Ambient Temperature (11mm Heat Sink)
Figure 6 — Start Up CREF = 0
(VIN = 24 V, IOUT = 10 A, CR, COUT = 6 X 10 µF X7R Ceramic)
Figure 5 — Start Up CREF = 0
(VIN = 18 V, IOUT = 10 A, CR, COUT = 6 X 10 µF X7R Ceramic)
PI3109-01-HVIZ Electrical Characteristics
6.3 mm Heatsink Thermal Derating
Temp °C
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110115
18 V 0 LFM
24 V 0 LFM
28 V 0 LFM
36 V 0 LFM
18 V 200 LFM
24 V 200 LFM
28 V 200 LFM
36 V 200 LFM
18 V 600 LFM
24 V 600 LFM
28 V 600 LFM
36 V 600LFM
Conversion Efficiency at 100°C
Load Curent (Amps)
50
55
60
65
70
75
80
85
90
1
2
3
4
5
6
7
8
9
10
100°C 18 V
100°C 24 V
100°C 28 V
100°C 36 V


Similar Part No. - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com