Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3106-00-HVMZ Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI3106-00-HVMZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-00-HVMZ Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI3106-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 9Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 10Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Cool-Power®
Rev 1.4
vicorpower.com
Page 7 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
PI3109-01-HVIZ Electrical Characteristics
Unless otherwise specified: 18 V < VIN < 36 V, 0 A < IOUT < 10 A, -40°C < TCASE < 100°C(1)
[1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control.
Unless otherwise specified, ATE tests are completed at room temperature.
[2] Current flow sourced by a pin has a negative sign.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage Range
VIN
18
24
36
Vdc
Input dv/dt (1)
VINDVDT
VIN = 36 V
1.0
V/µs
Input Under-Voltage Turn-on
VUVON
IO = 10 A
16.2
17.0
17.8
Vdc
Input Under-Voltage Turn-off
VUVOFF
IO = 10 A
15.1
16.0
16.7
Vdc
Input Under-Voltage Hysteresis
VUVH
IO = 10 A
1.0
Vdc
Input Over-Voltage Turn-on
VOVON
IO = 10 A
37.8
40.0
41.7
Vdc
Input Over-Voltage Turn-off
VOVOFF
IO = 10 A
38.6
40.7
42.6
Vdc
Input Over-Voltage Hysteresis
VOVH
IO = 10 A
0.7
Vdc
Input Quiescent Current
IQ
VIN = 24 V, ENABLE = 0 V
2
mAdc
Input Idling Power
PIDLE
VIN = 24 V, IOUT = 0 A
2.8
W
Input Standby Power
PSBY
VIN = 24 V, ENABLE = 0 V
0.048
W
Input Current Full Load
IIN
TCASE = 100°C IOUT = 10 A
ηFL = 88.0% typical VIN = 24 V
2.36
Adc
Input Reflected Ripple Current
IINRR
LIN = 0.47 µH CIN = 100 µF 63 V electrolytic
13
mApp
+ 2 x 4.7 µF 50 V X7R ceramic
Recommended Ext Input
CIN
CIN = 100 µF 50 V electrolytic + 2 x 4.7 µF 50 V X7R ceramic
Capacitance
CIN = Cbulk + Chf
109.4
µF
Output Specifications
Output Voltage Set Point
VOUT
IOUT = 5 A
5.0
Vdc
Total Output Accuracy
VOA
0°C < TCASE < 100°C
-3
+3
%
Total Output Accuracy
VOA
-40°C < TCASE < 0°C
-4
+3
%
Output Voltage Trim Range
VOADJ
-20%
10%
%
Output Current Range
IOUT
10
Adc
Over Current Protection
IOCP
10.8
15
20
Adc
Efficiency – Full Load
ηFL
TCASE = 100°C, VIN = 24 V
86.0
88.0
%
Efficiency – Half Load
ηHL
TCASE = 100°C, VIN = 24 V
83.5
85.5
%
Output OVP Set Point
VOVP
6
6.3
6.6
Vdc
Output Ripple Voltage
VORPP
COUT = 6 x 10 µF 10 V X7R DC-20 MHz
140
mVpp
Switching Frequency
fSW
900
kHz
Output Turn-on Delay Time
tONDLY
VIN = VUVON to ENABLE = 5 V
80
ms
Output Turn-off Delay Time
tOFFDLY
VIN = VUVOFF to ENABLE < 1.8 V
10
µs
Soft-Start Ramp Time
tSS
ENABLE = 5 V to 90% VOUT CREF = 0
230
µs
Maximum Load Capacitance
COUT
CREF = 0.39 µF, COUT = Al Electrolytic
4700
µF
Load Transient Deviation
VODV
IOUT = 25% step 0.1 A/µS
COUT = 6 x10 µF 10 V X7R
120
mV
IOUT = 25% step 0.1 A/µS
Load Transient Recovery Time
tOVR
COUT = 6 x10 µF 10 V X7R
100
µs
VOUT - 1%
Maximum Output Power
POUT
50
W
Absolute Maximum Output Ratings
Name
Rating
+OUT to -OUT
-0.5 V to 6.8 Vdc
Continuous Output Current
10 Adc
Peak Output Current
20 Adc


Similar Part No. - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com