Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3055DBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3055DBT
Description  CEDV Gas Gauge and Battery Pack Manager
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3055DBT Datasheet(HTML) 3 Page - Texas Instruments

  BQ3055DBT Datasheet HTML 1Page - Texas Instruments BQ3055DBT Datasheet HTML 2Page - Texas Instruments BQ3055DBT Datasheet HTML 3Page - Texas Instruments BQ3055DBT Datasheet HTML 4Page - Texas Instruments BQ3055DBT Datasheet HTML 5Page - Texas Instruments BQ3055DBT Datasheet HTML 6Page - Texas Instruments BQ3055DBT Datasheet HTML 7Page - Texas Instruments BQ3055DBT Datasheet HTML 8Page - Texas Instruments BQ3055DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
CHG
2
DSG
PACK
3
BAT
4
VC1
PCHG
VCC
5
VC2
6
VC3
FUSE
7
VC4
8
VSS
TEST
REG33
9
10
TS1
30
VSS
28
11
SRP
12
27
REG25
26
RBI
13
SRN
14
25
NC
24
NC
15
TS2
23
22
21
20
29
NC
NC
NC
19
18
17
16
PRES
¯¯¯¯¯
NC
SMBD
SMBC
bq3055
www.ti.com
SLUSA91C – OCTOBER 2010 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DBT Package
30-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BAT
2
P
Alternate power source
CHG
1
O
Charge N-FET gate drive
DSG
30
O
Discharge N-FET gate drive
FUSE
26
O
Fuse drive
NC
14
Not internally connected. Connect to VSS.
NC
16
Not internally connected. Connect to VSS.
NC
17
Not internally connected. Connect to VSS.
NC
18
Not internally connected. Connect to VSS.
NC
19
Not internally connected. Connect to VSS.
NC
20
Not internally connected. Connect to VSS.
PACK
29
P
Alternate power source
PCHG
28
I/OD
Precharge P-FET gate drive
PRES
12
I
Host system present input
RBI
21
P
RAM backup
REG25
22
P
2.5-V regulator output
REG33
24
P
3.3-V regulator output
SMBC
15
I/OD
SMBus v1.1 clock line
SMBD
13
I/OD
SMBus v1.1 data line
SRN
10
AI
Differential Coulomb Counter input
SRP
9
AI
Differential Coulomb Counter input
TEST
25
Test pin, connect to VSS through 2-k
Ω resistor.
TS1
8
AI
Temperature sensor 1 thermistor input
TS2
11
AI
Temperature sensor 2 thermistor input
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/OD = Digital Input/Output
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq3055


Similar Part No. - BQ3055DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3055DBT TI-BQ3055DBT Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055DBTR TI-BQ3055DBTR Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ3055DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ4050 TI1-BQ4050 Datasheet
3Mb / 53P
[Old version datasheet]   CEDV Gas Gauge and Protection Solution
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Active-Semi, Inc
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com